Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1268 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1268 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1264Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1265Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1266Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1267Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1268Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1272Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1268 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Glossary-10
Freescale Semiconductor
S
Secondary cache. A cache memory that is typically larger and has a longer access
time than the primary cache. A secondary cache may be shared by multiple
devices. Also referred to as L2, or level-2, cache.
Sequence. In PCI-X, a sequence is one or more transactions associated with
carrying out a single logical transfer by a requester. Each transaction in the
same sequence carries the same unique sequence ID.
Set (v). To write a nonzero value to a bit or bit field; the opposite of clear. The term
‘set’ may also be used to generally describe the updating of a bit or bit field.
Set (n). A subdivision of a cache. Cacheable data can be stored in a given location
in one of the sets, typically corresponding to its lower-order address bits.
Because several memory locations can map to the same location, cached
data is typically placed in the set whose cache block corresponding to that
address was used least recently. See Set associative.
Set associative. Aspect of cache organization in which the cache space is divided
into sections, called sets. The cache controller associates a particular main
memory address with the contents of a particular set, or region, within the
cache.
Slave. The device addressed by a master device. The slave is identified in the
address tenure and is responsible for supplying or latching the requested
data for the master during the data tenure.
Snooping. Monitoring addresses driven by a bus master to detect the need for
coherency actions.
Snoop push. Response to a snooped transaction that hits a modified cache block.
The cache block is written to memory and made available to the snooping
device.
Stall. An occurrence when an instruction cannot proceed to the next stage.
Sticky bit. A bit that when set must be cleared explicitly.
Superscalar machine. A machine that can issue multiple instructions concurrently
from a conventional linear instruction stream.
Supervisor mode. The privileged operation state of a processor. In supervisor
mode, software, typically the operating system, can access all control
registers and can access the supervisor memory space, among other
privileged operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com