Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1273 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1273 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1269Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1270Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1271Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1272Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1273Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1274Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1277Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1273 / 1302 page
background image
J–M
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 1-3
IACK0 (PIC per-CPU processor interrupt acknowledge
register), also mapped as global IACK, 10-41
IADDRn (FEC individual address registers 0–7), 21-45
IADDRn (TSEC individual address registers 0–7), 14-88
IEVENT (FEC interrupt event register), 21-13
IEVENT (TSEC interrupt event register), 14-20
IFQDPAR (RapidIO inbound frame queue dequeue pointer
address register), 17-75
IFQEPAR (RapidIO inbound frame queue enqueue pointer
address register), 17-76
IFSTAT (FEC interface status register), 21-43
IFSTAT (TSEC interface status register), 14-58
IIDPRn (PIC internal interrupt destination registers 0–31),
10-35
IIVPRn (PIC internal interrupt vector/priority registers
0–31), 10-34
IMASK (FEC interrupt mask register), 21-16
IMASK (TSEC interrupt mask register), 14-23
IMR (RapidIO inbound mailbox mode register), 17-72
INT_ACK (PCI/X interrupt acknowledge register), 16-20
IPGIFG (FEC inter-packet gap/inter-frame gap register),
21-41
IPGIFG (TSEC inter-packet gap/inter-frame gap register),
14-52
IPIDRn (PIC per-CPU interprocessor interrupt dispatch
registers 0–3), 10-39
IPIVPRn (PIC IPI vector/priority registers 0–3), 10-19
IRQSR0 (PIC IRQ_OUT summary register 0), 10-26
IRQSR1 (PIC IRQ_OUT summary register 1), 10-27
ISR (RapidIO inbound mailbox status register), 17-74
J
JD (TSEC jitter diagnostics register), 14-101
L
L2CAPTDATAHI (L2 error capture data high register), 7-15
L2CAPTDATALO (L2 error capture data low register), 7-15
L2CAPTECC (L2 error syndrome register), 7-13, 7-16
L2CEWARn (L2 cache external write address registers 0–3),
7-10
L2CEWCRn (L2 cache external write control registers 0–3),
7-10
L2CTL (L2 control register), 7-7
L2ERRADDR (L2 error address capture register), 7-15, 7-20
L2ERRATTR (L2 error attributes capture register), 7-15,
7-19
L2ERRCTL (L2 error control register), 7-15, 7-20
L2ERRDET (L2 error detect register), 7-15, 7-16
L2ERRDIS (L2 error disable register), 7-15, 7-17
L2ERRINJCTL (L2 error injection mask control register),
7-13, 7-14
L2ERRINJHI (L2 error injection mask high register), 7-13
L2ERRINJLO (L2 error injection mask low register), 7-13,
7-14
L2ERRINTEN (L2 error interrupt enable register), 7-15, 7-18
L2SRBARn (L2 memory-mapped SRAM base address
registers 0–1), 7-11
LAWARn (Local access window 0–7 attributes registers), 2-6
LAWBARn (Local access window 0–7 base address
registers), 2-6
LBCR (LBC configuration register), 13-31
LBDLLCR (LBC DLL control register), 18-20
LCRR (LBC clock ratio register), 13-32
LCSBA1CSR (RapidIO local configuration space base
address 1 command and status register), 17-24
LSDMR (LBC SDRAM mode register), 13-22
LSRT (LBC SDRAM refresh timer), 13-25
LTEAR (LBC transfer error address register), 13-30
LTEATR (LBC transfer error attributes register), 13-29
LTEDR (LBC transfer error disable register), 13-27
LTEIR (LBC transfer error interrupt register), 13-28
LTESR (LBC transfer error status register), 13-26
LURT (UPM refresh timer), 13-24
M
MACCFG1 (FEC MAC configuration register 1), 21-38
MACCFG1 (TSEC MAC configuration register 1), 14-49
MACCFG2 (FEC MAC configuration register 2), 21-40
MACCFG2 (TSEC MAC configuration register 2), 14-51
MACSTNADDR1 (FEC station address part 1 register),
21-43
MACSTNADDR1 (TSEC station address part 1 register),
14-59
MACSTNADDR2 (FEC station address part 2 register),
21-44
MACSTNADDR2 (TSEC station address part 2 register),
14-60
MAR (UPM address register), 13-18
MAXFRM (FEC maximum frame length register), 21-42
MAXFRM (TSEC maximum frame length register), 14-54
MCPSUMR (machine check summary register), 18-16
MDR (UPM data register), 13-22
MER (PIC message enable register), 10-31
MIDRn (PIC messaging interrupt destination registers 0–3),
10-37
MIIMADD (TSEC MII management address register), 14-56
MIIMCFG (TSEC MII management configuration register),
14-54
MIIMCOM (TSEC MII management command register),
14-55
MIIMCON (TSEC MII management control register), 14-57
MIIMIND (TSEC MII management indicator register), 14-58
MIIMSTAT (TSEC MII management status register), 14-57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com