Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1279 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1279 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1275Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1276Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1283Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1279 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-1
Index 2
General Index
A
Accumulator (ACC), 6-50
Acronyms and abbreviated terms, list, lxxxviii
Address maps
addressing on PCI/PCI-X bus, 16-59
device address map overview, 1-20
Address mask (LBC), 13-13
Address multiplexing (LBC SDRAM), 13-54
Address translation and mapping units (ATMUs)
inbound windows, 2-9
illegal interactions between inbound ATMUs and local
access windows, 2-9
PCI/PCI-X—4 windows, 2-9, 16-24
RapidIO—4 windows plus default, 2-9, 17-40-17-43,
17-107-17-109
local access windows, 2-3-2-9
see also Local access windows
outbound windows, 2-8
PCI/PCI-X—4 windows, 16-20
RapidIO—8 windows plus default, 17-37-17-40,
17-106-17-107
processing across the OCeaN fabric, 1-20
Address translation, see e500 core, memory management unit
(MMU)
Addressing
PCI bus addressing, 16-60
configuration space, 16-60
I/O space, 16-60
memory space, 16-59
Alignment, byte (PCI/PCI-X), 16-61
Application examples, 1-21-1-24
control processing, 1-21
APUs
accumulator, 6-50
Arbitration
I2C interface
arbitration control, 11-14
loss of arbitration—forcing of slave mode, 11-23
procedure for arbitration, 11-14
PCI/PCI-X, 16-5, 16-53
Architecture, overview of device, 1-8
ASLEEP (global utilities asleep) signal, 18-2, 18-24
ATMUs, see Address translation and mapping units
B
BBEAR (branch buffer address register), see e500 core,
registers
BBTAR (branch buffer target address register), see e500 core,
registers
Block diagrams
DDR controller, 9-1, 9-25
debug modes, watchpoint monitor, and trace buffer, 20-1
DMA controller, 15-1
DUART, 12-2
e500 coherency module (ECM), 8-1
e500 core complex, 5-1
FEC, 21-5
I2C interface, 11-1
interrupt controller (PIC), 10-1, 10-43
L2 cache/SRAM, 7-1
local bus controller (LBC), 13-1
PCI/PCI-X controller, 16-1
performance monitor, 19-2
TSEC, 14-6
Book E architecture, see e500 core, Book E architecture
Boot mode
CPU holdoff (POR), 4-15, 8-4
POR status register (PORBMSR), 18-5
Boot page translation, 4-7
Boot ROM location (POR), 4-14
Boot sequencer
boot holdoff mode (POR), 4-16, 8-4
boot page translation, 4-7
I2C interface, 11-2, 11-17-11-19
overview, 1-16, 4-8
POR configuration, 4-16
BUCSR (branch unit control and status register), see e500
core, registers
Buffer descriptors
see FEC controller, buffer descriptors
see TSEC, buffer descriptors
Burst operations (PCI)
see PCI/PCI-X controller, bus protocol
Bus operations
PCI/PCI-X, see PCI/PCI-X controller, bus protocol
Byte alignment (PCI/PCI-X), 16-61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com