Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1281 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1281 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1277Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1281 / 1302 page
background image
D–D
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-3
configuration, example, 9-28
data beat ordering, 9-45
debug mode
signal selection (POR), 4-20, 4-21
source and target ID, 20-4, 20-26
DLL control (global utilities), 18-19
error checking and correcting (ECC), 9-46
testing ECC with error injection, 9-17-9-19
error handling, 9-19, 9-48
features, 9-2
functional description, 9-25
initialization/application information, 9-49
interrupts, 9-22
memory map, 9-9
modes of operation, 9-3
overview, 1-14
page mode and logical bank retention, 9-45
performance monitor events, 19-16
register descriptions, 9-9
by acronym, see Register Index
configuration registers, 9-10-9-17
error handling registers, 9-19-9-25
error injection registers, 9-17-9-19
SDRAM operation, 9-30
address multiplexing, 9-31
initialization sequence, 9-50
JEDEC standard interface commands, 9-32
mode-set command timing, 9-38
organizations supported, 9-31
refresh operation, 9-41
power-saving modes, 9-43
timing, 9-42
registered DIMM mode, 9-39
timing, 9-34
write timing adjustments, 9-40
self-refresh in sleep mode, 9-44
signals summary, 9-3
see also Signals, DDR
DEAR (data exception address register), see e500 core,
registers
Debug modes
and watchpoint monitor signals summary, 20-6
see also Signals, debug
and watchpoint monitor/trace buffer block diagram, 20-1
DDR signal selection (POR)
ECC pins used for debug, 4-21
DDR source ID debug modes, 20-4, 20-26
source ID on debug signals, 20-28
source ID on ECC pins, 20-28
DDR/LBC signal selection (POR), 4-20
e500 core registers, 6-42-6-48
features, 20-3
functional description, 20-26
LBC source ID debug mode, 13-4, 20-4, 20-26
memory map/register definition, 20-10
modes of operation (set at POR), 20-3
overview, 20-2
PCI/PCI-X
debug configuration (POR), 4-20
source ID debug mode, 20-5, 20-26
performance monitor events, 19-26
POR status (global utilities), 18-9
READY negation, 4-2
software debug
context ID registers, 20-24
trace buffer, see Trace buffer
watchpoint, see Watchpoint monitor
DEC (decrementer register), see e500 core, registers
DECAR (decrementer auto-reload register), see e500 core,
registers
Delay-locked loops (DLLs)
DDR DLL control, 18-19
LBC DLL control, 18-20
DMA channel 2 and 3 signal select, 18-12
DMA controller
block diagram, 15-1
channel operation, 15-28
bandwidth control, 15-36
channel abort, 15-35
channel state, 15-36
stride size and distance, 15-36
descriptor formats, 15-37
error handling, 15-37
features, 15-2
functional description, 15-28
interrupts, 15-10-15-14, 15-16, 15-24, 15-27, 15-37
limitations and restrictions, 15-40
memory map/register definition, 15-6
modes of operation, 15-2
basic mode transfer, 15-29
basic chaining mode, 15-31
basic chaining single-write start mode, 15-31
basic direct mode, 15-29
basic direct single-write start mode, 15-30
channel continue mode for cascading transfer chains,
15-34
basic channel continue mode, 15-35
extended mode, 15-35
extended DMA mode transfer, 15-32
extended chaining mode, 15-32
extended chaining single-write start mode, 15-33
extended direct mode, 15-32
extended direct single-write start mode, 15-32
external control mode transfer, 15-33



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com