Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1284 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1284 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1284 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-6
Freescale Semiconductor
F–F
MCAR (machine check address register), 6-22
MCSR (machine check syndrome register), 6-23
MCSRR0 (machine check save/restore register 0), 6-21
MCSRR1 (machine check save/restore register 1), 6-22
MMUCFG (MMU configuration register), 6-35
MMUCSR0 (MMU control and status register 0), 6-34
MSR (machine state register), 6-12
PIDn (process ID registers 0–2), 5-27, 6-34
PIR (processor ID register), 6-14
PMCn (performance monitor counter registers 0–3),
5-30, 6-54
PMGC0 (performance monitor global control register 0),
5-30, 6-52
PMLCan (performance monitor local control registers
a0–a3), 5-30, 6-52
PMLCbn (performance monitor local control registers
b0–b3), 5-30, 6-53
PVR (processor version register), 5-4, 6-14
SPEFSCR (signal processing and embedded
floating-point status and control register), 6-48
SPRGn (software-use registers 0–7), 6-24
SRR0 (save/restore register 0), 6-18
SRR1 (save/restore register 1), 6-18
SVR (system version register), 5-4, 6-14
TBL (time base lower register), 6-17
TBU (time base upper register), 6-17
TCR (timer control register), 6-15
TLB0CFG (TLB0 configuration register), 6-35
TLB1CFG (TLB1 configuration register), 6-36
TSR (timer status register), 6-16
UPMCn (user performance monitor counter registers
0–3), 5-30, 6-54
UPMGC0 (user performance monitor global control
register 0), 5-30, 6-52
UPMLCan (user performance monitor local control
registers a0–a3), 5-30, 6-52
UPMLCbn (user performance monitor local control
registers b0–b3), 5-30, 6-53
USPRG0 (user software-use register 0), 6-24
XER (integer exception register), 6-8
signal processing engine (SPE)
registers, 6-48
single-precision floating-point (SPFP) instructions, 5-12
software-use SPRs, 6-24
time base
RTC (real time clock) signal options, 4-3, 4-25
timer registers, 6-15-6-18
translation lookaside buffers (TLBs), see e500 core,
memory management unit (MMU)
EC_GTX_CLK125 (TSEC gigabit transmit 125 MHz source)
signals, 14-10
EC_MDC (TSEC management data clock) signals, 14-11
EC_MDIO (TSEC management data input/output) signals,
14-11
Error handling
DDR, 9-19-9-25, 9-48
DMA, 15-37
DUART, 12-3, 12-23
framing error, 12-9, 12-16, 12-21, 12-22, 12-23
overrun error, 12-23
parity error, 12-23
ECM
error handling registers, 8-5-8-8
FEC, 21-61-21-63
I
2C interface
boot sequencer mode, 11-17, 11-18
L2 cache/SRAM, 7-35
error handling registers, 7-12
error injection, 7-13
LBC
transfer error registers, 13-26-13-30
PCI/PCI-X
address/data parity, 16-66, 16-78, 16-79
error management registers, 16-28-16-35
reporting, 16-79
PERR and SERR signals, 16-79, 16-96
target-initiated termination, 16-65
retry transactions, 16-66
target-abort, 16-66
target-disconnect, 16-66
PCI-X, 16-96
address/data parity, 16-96
reporting, 16-96
RapidIO
see RapidIO controller, error handling
TSEC, 14-123-14-124
ESR (exception syndrome register), see e500 core, registers
External system configuration
POR (LAD[0:31]) status, 4-23, 18-9
External writes, see L2 cache/SRAM, stashing
F
Fast Ethernet controller, see FEC
Features, overview of device features, 1-2
FEC controller
block diagram, 21-5
buffer descriptors, 21-63
receive buffer descriptor (RxBD), 21-67
transmit data buffer descriptor (TxBD), 21-65
channel operation, 21-49
flow control, 21-59
frame reception, 21-53
frame recognition, 21-54
destination address recognition, 21-55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com