Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1288 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1288 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1288 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-10
Freescale Semiconductor
J–L
FEC, 21-59-21-60
interrupt registers, 21-13-21-18
I
2C interface
calling address match condition, 11-5
flowchart for interrupt service routine, 11-23
interrupt after transfer, 11-21
interrupt enable bit (I2CCR[MIEN]), 11-7
interrupt on START, 11-21
interrupt pending status bit (I2CSR[MIF]), 11-9
interrupt-driven byte-to-byte transfers, 11-2
read of last byte, 11-22
slave mode interrupt service routine guidelines, 11-23
for slave transmitter routine, 11-23
loss of arbitration, 11-23
IRQ[9:11] signal select, 18-12, 18-29
LBC interrupt register, 13-28
PCI/PCI-X error enable register, 16-31
performance monitor (PIC), 19-20
power management and interrupts (global utilities), 18-27
RapidIO
message unit
doorbell controller interrupts, 17-121
inbox controller interrupts, 17-118
outbox controller interrupts, 17-116
port notification/fatal error interrupt enable register
(PNFEIER), 17-49
see also Interrupt controller (PIC)
TSEC, 14-120-14-123
interrupt registers, 14-20-14-25
IRQ[0:11] (interrupt request 0–11) signals, 10-8
IRQ[9:11] signal select
global utilities, 18-12
IRQ_OUT (interrupt request out) signal, 10-9, 10-26
IVORn (interrupt vector offset registers), see e500 core,
registers
IVPR (interrupt vector prefix register), see e500 core,
registers
J
JEDEC SDRAM commands (LBC), 13-52
JTAG test access port
signals summary, 20-6
see also Signals, JTAG, 20-6
L
L1CFG0 (L1 cache configuration register 0), see e500 core,
registers
L1CFG1 (L1 cache configuration register 1), see e500 core,
registers
L1CSR0 (L1 cache status and control register 0), see e500
core, registers
L1CSR1 (L1 cache status and control register 1), see e500
core, registers
L2 cache/SRAM
allocation of lines, 7-29
block diagram, 7-1
coherency rules, 7-22
configuration and organization, 7-3
error handling
ECC errors, 7-35
tag parity errors, 7-36
error handling registers, 7-12
error injection, 7-13
external writes, see stashing
flash clearing, instruction and data locks, 7-27
initialization/application information, 7-34-7-36
invalidation, 7-30
locking
clearing locks on selected lines, 7-26
entire, 7-25
programmed memory ranges, 7-25
selected lines, 7-25
with stale data, 7-27
memory map/register definition, 7-6
memory-mapped SRAM
coherency rules, 7-24
memory-mapped windows, 2-4
operation, 7-29
organization, 7-3
overview, 1-12, 7-1
performance monitor events, 19-26
PLRU bit update considerations, 7-28
register descriptions, 7-7-7-20
replacement policy, 7-27
SRAM features, 7-2
stashing, 7-21
state transitions, 7-30
due to core-initiated transactions, 7-31
due to system-initiated transactions, 7-33
timing, 7-21
LA[27:31] (LBC non-multiplexed address) signals, 13-7
LAD[0:31] (LBC multiplexed address/data) signals, 13-8
LALE (LBC external address latch enable) signal, 13-6,
13-35
LBCTL (LBC data buffer control) signal, 13-7, 13-37
LBS[0:3] (LBC UPM byte select) signals, 13-6
LCK[0:2] (LBC clock) signals, 13-8
LCKE (LBC clock enable) signal, 13-8
LCS[0:7] (LBC chip select) signals, 13-6
LCS[5:7] signal select
global utilities, 18-12
LCS0 (LBC chip select 0) signal, 13-50
LDP[0:3] (LBC data parity) signals, 13-8, 13-38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com