Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1289 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1289 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1289 / 1302 page
background image
L–L
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-11
LGPL0 (LBC GP line 0) signal, 13-6
LGPL1 (LBC GP line 1) signal, 13-6
LGPL2 (LBC GP line 2) signal, 13-6
LGPL3 (LBC GP line 3) signal, 13-7
LGPL4 (LBC GP line 4) signal, 13-7
LGPL5 (LBC GP line 5) signal, 13-7
LGTA (LBC GPCM transfer acknowledge) signal, 13-7,
13-49
Local access windows, 2-3-2-9
ATMUs, see Address translation and mapping units
(ATMUs)
configuring local access windows, 2-7
distinguishing local access windows from other mapping
functions, 2-8
illegal interactions
between inbound ATMUs and local access windows, 2-9
between local access windows and DDR SDRAM chip
selects, 2-8
L2 cache/SRAM window interactions, 2-4
precedence if overlapping among themselves, 2-7
precedence if overlapping with L2 cache/SRAM windows,
2-4
registers, 2-6-2-7
by acronym, see Register Index
Local address map, 1-20
see also Local access windows
Local bus controller (LBC)
address and address space checking, 13-34
address mask field—option registers, 13-13
atomic bus operations, 13-37
block diagram, 13-1
boot chip-select operation, 13-50
bus monitor, 13-38
bus turnaround, 13-87
additional address phases (UPM cycles), 13-88
address following read, 13-87
read data following address, 13-88
read-modify-write cycle (parity), 13-88
clocks and clock ratios, 13-4
clock ratio register (LCRR), 13-32
configuration
LBC configuration register (LBCR), 13-31
debug mode
signal selection (POR), 4-20
source and target ID, 20-4, 20-26
DLL control (global utilities), 18-20
DSP hosts (interface to), 13-103
MSC8101 HDI16 interface, 13-103
MSC8102 DSI interface, 13-107
TI TMS320Cxxxx interface, 13-118
error handling
transfer error registers, 13-26-13-30
external access termination (LGTA), 13-49
features, 13-2
functional description, 13-33
general-purpose chip-select machine (GPCM), 13-38
chip-select and write enable negation timing, 13-44
chip-select assertion timing, 13-44
extended hold time on read accesses, 13-48
GPCM mode
registers, 13-14
output enable timing, 13-48
programmable wait state configuration, 13-44
relaxed timing, 13-45
timing configuration, 13-39
initialization/application information, 13-84-13-121
interrupts
transfer error interrupt enable register (LTEIR), 13-28
LCS[5:7] signal select, 18-12, 18-29
memory map/register definition, 13-9
memory refresh timer prescaler, 13-21
modes of operation, 13-3
bus clock and clock ratios, 13-4
GPCM mode, registers, 13-14
power-down mode, 13-4
SDRAM mode, registers, 13-17
source ID debug mode, 13-4
UPM mode, registers, 13-16
output hold configuration (POR), 4-22
overview, 1-17, 13-2
parity generation and checking, 13-38, 13-101
performance monitor events, 19-25
peripherals, 13-84
GPCM timing, 13-86
hierarchy for very high speeds, 13-85
hierarchy on the local bus, 13-84
multiplexed address/data, 13-84
port sizes, 13-88
references, other, 13-4
register descriptions, 13-10
by acronym, see Register Index
SDRAM interface, 13-51-13-61, 13-90
address multiplexing, 13-54
basic capabilities, 13-90
commands (Intel PC133 and JEDEC), 13-52
configurations supported, 13-51
device-specific parameters, 13-55
limitations, 13-92-13-100
maximum SDRAM supported, 13-91
page hit checking, 13-53
page management, 13-54
parity support, 13-101
power-on initialization, 13-52
refresh, 13-61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com