Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1291 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1291 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1295Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1291 / 1302 page
background image
N–P
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-13
illegal interaction between local access windows and
DDR SDRAM chip selects, 2-8
debug, watchpoint, and trace buffer registers, 20-10
device memory map
address translation and mapping, 2-3
overview and example, 2-1
DMA, 15-6
DUART, 12-4
ECM, 8-2
FEC, 21-9
global utilities, 18-3
I
2C, 11-4
interrupt controller (PIC), 10-9
L2 cache/SRAM, 7-6
LBC, 13-9
PCI/PCI-X, 16-15
performance monitor, 19-3
RapidIO, 17-9
TSEC, 14-13
Memory space
PCI/PCI-X addressing, 16-59
Memory target queue
performance monitor events, 19-17
Memory unit, see L2 cache/SRAM
Message interrupts, see Interrupt controller (PIC), message
interrupts
Message unit
see RapidIO controller, message unit, 17-109
MMUCFG (MMU configuration register), see e500 core,
registers
MMUCSR0 (MMU control and status register 0), see e500
core, registers
MRAS (DDR row address strobe) signal, 9-7
MSR (machine state register), see e500 core, registers
MSRCID[0:4] (DDR/LBC debug source ID) signals, 4-20,
13-9, 20-4, 20-8
MSYNC_IN (DDR DRAM DLL synchronization input)
signal, 9-8
MSYNC_OUT (DDR DRAM DLL synchronization output)
signal, 9-8
MWE (DDR write enable) signal, 9-7
N
Nap mode, 1-19, 18-23
see also Global utilities, power management
O
OCeaN switch fabric, 1-20
On-chip memory
as L2 cache, 1-13
as memory-mapped SRAM, 1-13
see also L2 cache/SRAM
Output hold
see Power-on reset (POR), configuration
P
Page hit checking (LBC SDRAM), 13-53
Page management (LBC SDRAM), 13-54
PCI Local Bus Specification configuration registers
see PCI/PCI-X controller, register descriptions
PCI/PCI-X controller
64-bit/32-bit bus, 16-6
address bus decoding, 16-59
address translation and mapping unit (ATMU)
inbound windows (4), 2-9, 16-24
outbound windows (4), 16-20
arbiter configuration (POR), 4-19, 16-5, 16-6
block diagram, 16-1
burst operations
cache wrap mode, 16-59
linear incrementing, 16-59
bus arbitration, 16-5, 16-53
bus protocol, 16-56
burst operation, 16-57
command encodings, 16-57
PCI-X-specific protocol, see PCI/PCI-X controller,
PCI-X operation
clocking, 16-57, 16-62
commands
command register, 16-38, 16-72
encodings, 16-57
interrupt-acknowledge transactions, 16-76
PCI-X encodings, 16-82
special-cycle, 16-77
configuration cycles, 16-70, 16-71
configuration space addressing, 16-60
host access example, 16-72
type 0 configuration translation, 16-74
type 1 configuration translation, 16-76
data bus width (POR), 4-19
debug configuration (POR), 4-20
debug mode
source and target ID (PCI_AD[62:58]), 20-5, 20-26
error handling, 16-79
address/data parity, 16-66, 16-78, 16-79
detection and reporting, 16-78, 16-96
error management registers, 16-28-16-35
PCI-X, 16-96
address/data parity, 16-96
reporting
PERR and SERR signals, 16-79, 16-96
target-initiated termination, 16-65
retry transactions, 16-66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com