Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1292 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1292 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1296Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1292 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-14
Freescale Semiconductor
P–P
target-abort, 16-66
target-disconnect, 16-66
features, 16-4
functional description, 16-53
host/agent configuration (POR), 4-14
I/O impedance (POR), 4-19
I/O space addressing, 16-60
initialization/application information, 16-99-16-101
initiator/master operation, 16-3
interrupts
error enable register, 16-31
latency timer, 16-43, 16-66, 16-72
memory map/register definition, 16-15
memory space addressing, 16-59
modes of operation, 16-5
agent configuration lock mode, 16-100
agent mode, 16-100
cache wrap mode, 16-59
host mode, 16-100
linear incrementing, 16-59
PCI-X mode
selection (POR), 4-20
output hold configuration (POR), 4-21
overview, 1-18, 16-2
PCI-X operation
attribute phase, 16-83
bus protocol, 16-81-16-98
command encodings, 16-82
configuration, 16-93
nonposted writes, 16-100
outbound read transaction alignment, 16-101
terminology, 16-81
transactions, 16-84-16-88, 16-89-16-92
completer attributes, 16-91
completion address, 16-90
split response, 16-89
split transactions, 16-89-16-92
wait state and terminations rules, 16-88
performance monitor events
common events, 19-20
PCI-specific events, 19-22
POR configuration, 16-99
power management
special-cycle operations, 16-77
register descriptions
configuration header registers, 16-36-16-53, 16-72
32-bit memory base address register, 16-44
64-bit high memory base address register, 16-46
64-bit low memory base address register, 16-45
arbiter configuration register (PBACR), 16-50
base address registers, 16-43-16-46
base class code register, 16-42
bus function register (PBFR), 16-49
bus status register, 16-40, 16-61, 16-65
cache line size register, 16-43
capabilities pointer register, 16-47
command register, 16-38, 16-72
configuration and status register base address
(PCSRBAR), 16-44
device ID register, 16-38
interrupt line register, 16-47
interrupt pin register, 16-48
latency timer register, 16-43
maximum grant (MAX GNT) register, 16-48
maximum latency (MAX LAT) register, 16-49
PCI-X capability pointer register, 16-51
PCI-X command register, 16-52
PCI-X next capabilities ID register, 16-51
PCI-X status register, 16-52
programming interface register, 16-41
revision ID register, 16-41
subclass code register, 16-42
subsystem ID register, 16-46
subsystem vendor ID register, 16-46
vendor ID register, 16-37
memory-mapped registers, 16-15
ATMU inbound registers, 16-24-16-28
ATMU outbound registers, 16-20-16-24
by acronym, see Register Index
configuration access registers, 16-18-16-20
error management registers, 16-28-16-35
signals summary, 16-7
see also Signals, PCI/PCI-X
target/slave operation, 16-4
target-abort termination, 16-66
target-disconnect cycles, 16-4, 16-66
target-initiated termination
target-abort error, 16-66
target-disconnect, 16-4, 16-66
transactions
dual address cycles (DACs), 16-68
fast back-to-back transactions, 16-68
interrupt-acknowledge transactions, 16-76
PCI-X, see PCI/PCI-X controller, PCI-X operation
read transactions, 16-62
retry transactions, 16-66
special-cycle transactions, 16-77
timing diagrams, 16-61
transaction termination, 16-64
bus status register, termination status, 16-66
completion, 16-65
master-abort termination, 16-65
master-initiated, 16-65
target-initiated, 16-65, 16-66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com