Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1294 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1294 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1298Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1294 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-16
Freescale Semiconductor
R–R
memory debug select (DDR or LBC), 4-20, 20-3
output hold
LBC output hold, 4-22
PCI/PCI-X output hold, 4-21
PCI data bus width, 4-19
PCI debug configuration, 4-20, 20-3
PCI I/O impedance, 4-19
PCI/PCI-X arbiter configuration, 4-19
PCI/PCI-X, modes of operation, 16-99
PCI-X mode selection, 4-20
RapidIO device ID, 4-18
RapidIO transmit clock source, 4-18
TSEC data width, 4-16
TSEC1 protocol, 4-17
TSEC2 protocol, 4-17
configuration reporting
global utilities, 18-4, 18-5, 18-6, 18-7, 18-9
debug modes summary, 20-3
hard reset, 4-9
output signal states during reset, 3-17
reset configuration signals, 3-15
sequence of events, 4-9
and READY signal, 4-2, 4-10
Processor version (PVR), 18-17
Protocols
PCI, see PCI/PCI-X controller, bus protocol
PVR (processor version register), see e500 core, registers
R
RapidIO controller
accept-all mode, 17-6
address translation and mapping unit (ATMU), 17-106
inbound ATMU translation, 2-9, 17-107
bypass mode, 17-108
errors, boundary crossing, 17-109
inbound windows (4 plus default), 17-40-17-43
LCSRBAR window, 17-108
special transactions and requirements, 17-108
outbound ATMU translation, 17-106
bypass mode, 17-107
outbound windows (8 plus default), 17-37-17-40
special transactions and requirements, 17-107
assembly identity capability, 17-14
clocks
clock selection, transmit clock source (POR), 4-18, 17-8
operation, 4-24
command and status registers, 17-22-17-34
configuration
configuration/error injection registers, 17-34-17-36
CRC checking modes, 17-5
device ID (POR), 4-18
error handling, 17-102
error checking disable mode, 17-6
error handling registers, 17-43-17-65
message unit
doorbell error response conditions, 17-121
inbox error response conditions, 17-118
special outbox error response conditions, 17-117
packet error packet register 1 (PEPR1)
packet error capture registers (9 types) (PECR1Tx),
17-53-17-58
packet error packet register 2 (PEPR2)
packet error capture registers (9 types) (PECR2Tx),
17-58-17-61
features, 17-4
features not implemented, 17-5
functional description, 17-83
functionality of RapidIO interface, 17-89
functionality lists
8/16 LP-LVDS layer, 17-91
logical layer, 17-100
source transaction support list, 17-101
host/agent configuration (POR), 4-14
initialization/application information, 17-122
interrupts
message unit
doorbell controller interrupts, 17-121
inbox controller interrupts, 17-118
outbox controller interrupts, 17-116
port notification/fatal error interrupt enable register
(PNFEIER), 17-49
low-voltage differential signaling, see RapidIO,
functionality lists, 8/16 LP-LVDS
mailbox command and status, 17-22
memory map/register definition, 17-9
message unit
data message controller, 17-111
doorbell message controller, 17-119
doorbell controller interrupts, 17-121
doorbell queue entry format, 17-120
error response conditions, 17-121
inbound doorbell reception, 17-120
retry response conditions, 17-121
features, 17-110
inbox controller operation, 17-117
data message controller limitations and restrictions,
17-119
error response conditions, 17-118
inbox controller interrupts, 17-118
retry response conditions, 17-118
messaging, description, 17-111
modes of operation, 17-111
outbound descriptors, 17-72
outbox controller operation, 17-111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com