Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1298 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1298 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1301Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1302Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 1298 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-20
Freescale Semiconductor
T–T
EC_GTX_CLK125 (TSEC gigabit transmit 125 MHz
source), 14-10
EC_MDC (TSEC management data clock), 14-11
EC_MDIO (TSEC management data input/output),
14-11
TSECn_COL (TSEC 1–2 collision input), 14-10
TSECn_CRS (TSEC 1–2 carrier sense input), 14-10
TSECn_GTX_CLK (TSEC 1–2 gigabit transmit clock),
14-10
TSECn_RX_CLK (TSEC 1–2 receive clock), 14-11
TSECn_RX_DV (TSEC 1–2 receive data valid), 14-11
TSECn_RX_ER (TSEC 1–2 receive error), 14-12
TSECn_RXD[7:0] (TSEC 1–2 receive data in), 14-11
TSECn_TX_CLK (TSEC 1–2 transmit clock in), 14-12
TSECn_TX_EN (TSEC 1–2 transmit data valid in),
14-12
TSECn_TX_ER (TSEC 1–2 transmit error in), 14-12
TSECn_TXD[7:0] (TSEC 1–2 transmit data out), 14-12
watchpoint monitor
TRIG_IN (watchpoint trigger in), 20-8, 20-12, 20-18
TRIG_OUT (watchpoint trigger out), 20-9, 20-25
Sleep mode, 1-19, 18-24, 18-28
see also Global utilities, power management
Snooping
power management and snooping (global utilities), 18-28
Soft reset and reconfiguring for FEC, 21-51
Soft reset and reconfiguring for TSEC, 14-112
SPEFSCR (signal processing and embedded floating-point
status and control register), see e500 core, registers
SPRGn (software-use registers 0–7), see e500 core, registers
SRAM, see L2 cache/SRAM, 7-22
SRESET (soft reset) signal, 4-2, 4-9
SRR0 (save/restore register 0), see e500 core, registers
SRR1 (save/restore register 1), see e500 core, registers
Stashing, see L2 cache/SRAM, stashing, 7-21
SVR (system version register), see e500 core, registers
SYSCLK (system clock input) signal, 4-3
System version (SVR), 18-18
T
TA (LBC data transfer acknowledge) signal, 13-36
Target-disconnect, see PCI/PCI-X controller
TBL (time base lower register), see e500 core, registers
TBU (time base upper register), see e500 core, registers
TCK (JTAG test clock) signal, 20-9
TCR (timer control register), see e500 core, registers
TDI (JTAG test data input) signal, 20-9
TDO (JTAG test data output) signal, 20-9
Termination
PCI/PCI-X, termination of PCI transactions, 16-64
Test interface, see JTAG test access port
TEST_SEL (factory test) signal, 20-10
THERM[0:1] (thermal resistor access) signals, 20-10
Three-speed Ethernet controller, see TSEC
Timing diagrams
PCI/PCI-X transactions
TLB0CFG (TLB0 configuration register), see e500 core,
registers
TLB1CFG (TLB1 configuration register), see e500 core,
registers
TMS (JTAG test mode select) signal, 20-9
Trace buffer
and watchpoint monitor, block diagram, 20-1
as a second watchpoint monitor, 20-29
functional description, 20-29-20-32
initialization, 20-33
modes of triggering and arming, 20-5
overview, 20-2
register descriptions, 20-16-20-23
by acronym, see Register Index
see also Watchpoint monitor, 20-5
traced data formats relative to TBCR1[IFSEL]
DDR trace buffer entry, 20-31
ECM trace buffer entry, 20-30
PCI trace buffer entry, 20-32
RapidIO trace buffer entry, 20-32
Transactions
PCI/PCI-X, see PCI/PCI-X controller, transactions
TRIG_IN (watchpoint trigger in) signal, 20-8, 20-12, 20-18
TRIG_OUT (watchpoint trigger out) signal, 20-9, 20-25
TRST (JTAG test reset) signal, 20-10
TSEC
block diagram, 14-6
buffer descriptors, 14-125
receive buffer descriptor (RxBD), 14-128
transmit data buffer descriptor (TxBD), 14-126
clocks
inputs and outputs, 14-11
management clock out (EC_MDC), 14-55
operation, 4-25
configuration of interfaces, 14-131
GMII interface mode, 14-135
MII interface mode, 14-131
RGMII interface mode, 14-143
RTBI interface mode, 14-147
TBI interface mode, 14-138
data width (POR), 4-16
error handling, 14-123-14-124
features, 14-7
functional description, 14-103
gigabit Ethernet channel operation, 14-111
flow control, 14-119
frame reception, 14-115
frame recognition, 14-116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com