Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1297 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1297 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1299Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1300Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1301Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1297 / 1302 page
background image
S–S
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-19
FEC_COL (FEC collision input), 21-8
FEC_CRS (FEC carrier sense input), 21-8
FEC_RX_CLK (FEC receive clock), 21-8
FEC_RX_DV (FEC receive data valid), 21-8
FEC_RX_ER (FEC receive error), 21-8
FEC_RXD[3:0] (FEC receive data in), 21-8
FEC_TX_CLK (FEC transmit clock in), 21-8
FEC_TX_EN (FEC transmit data valid in), 21-8
FEC_TX_ER (FEC transmit error in), 21-9
FEC_TXD[3:0] (FEC transmit data out), 21-8
global utilities
ASLEEP, 18-2, 18-24
CKSTP_IN (checkstop in), 18-3
CKSTP_OUT (checkstop out), 18-3
CLK_OUT, 18-3, 18-18
I
2C
SCL (serial clock), 11-3, 11-4
SDA (serial data), 11-3, 11-4
JTAG
TCK (JTAG test clock), 20-9
TDI (JTAG test data input), 20-9
TDO (JTAG test data output), 20-9
TMS (JTAG test mode select), 20-9
TRST (JTAG test reset), 20-10
LBC
LA[27:31] (non-multiplexed address), 13-7
LAD[0:31] (multiplexed address/data), 13-8
LALE (external address latch enable), 13-6, 13-35
LBCTL (data buffer control), 13-7, 13-37
LBS[0:3] (UPM byte select), 13-6
LCK[0:2] (clock), 13-8
LCKE (clock enable), 13-8
LCS[0:7] (chip select), 13-6
LCS0 (LBC chip select 0), 13-50
LDP[0:3] (data parity), 13-8, 13-38
LGPL0 (GP line 0), 13-6
LGPL1 (GP line 1), 13-6
LGPL2 (GP line 2), 13-6
LGPL3 (GP line 3), 13-7
LGPL4 (GP line 4), 13-7
LGPL5 (GP line 5), 13-7
LGTA (GPCM transfer acknowledge), 13-7, 13-49
LOE (GPCM output enable), 13-6
LPBSE (parity byte select), 13-7
LSDA10 (SDRAM A10), 13-6
LSDCAS (SDRAM CAS), 13-7
LSDDQM[0:3] (SDRAM data mask), 13-6
LSDRAS (SDRAM RAS), 13-6
LSDWE (SDRAM write enable), 13-6
LSYNC_IN (DLL synchronization in), 13-8
LSYNC_OUT (DLL synchronization out), 13-8
LWE[0:3] (GPCM write enable), 13-6
MDVAL (debug mode data valid), 4-20, 13-9, 20-4, 20-7
MSRCID[0:4] (debug source ID), 4-20, 13-9, 20-4, 20-8
TA (data transfer acknowledge), 13-36
UPWAIT (UPM wait), 13-7, 13-63
other
TEST_SEL (factory test), 20-10
THERM[0:1] (thermal resistor access), 20-10
PCI/PCI-X
PCI_AD[62:58] (high-order PCI address)
as debug signals, 20-4, 20-8
PCI_AD[63:0] (address/data bus), 16-8, 16-59
PCI_C/BE[7:0] (command/byte enable), 16-9, 16-57,
16-60, 16-61, 16-78
PCI_DEVSEL (device select), 16-60
PCI_FRAME (frame), 16-57
PCI_GNT[4:0] (bus grant), 16-10, 16-54
PCI_IDSEL (initialization device), 16-10
PCI_IRDY (intitiator ready), 16-11, 16-57
PCI_PAR (parity), 16-11, 16-78
PCI_PAR64 (upper DWORD parity), 16-12
PCI_PERR (parity error), 16-12, 16-79, 16-96
PCI_REQ[4:0] (bus request), 16-13, 16-54
PCI_REQ64[4:0] (64-bit transaction request), 16-13
PCI_SERR (system error), 16-13, 16-79, 16-96
PCI_STOP (stop), 16-14, 16-61
PCI_TRDY (target ready), 16-14, 16-57
PIC
IRQ[0:11], 10-8
IRQ_OUT, 10-9, 10-26
MCP, 10-9
UDE, 10-9
RapidIO
RIO_RCLK and RIO_RCLK (receive clock and
complement), 17-8
RIO_RD[0:7] and RIO_RD[0:7] (receive data and
complements), 17-8
RIO_RFRAME and RIO_RFRAME (receive frame and
complement), 17-8
RIO_TCLK and RIO_TCLK (transmit clock out and
complement), 17-8
RIO_TD[0:7] and RIO_TD[0:7] (transmit data and
complement), 17-8
RIO_TFRAME and RIO_TFRAME (transmit frame and
complement), 17-9
RIO_TX_CLK_IN and RIO_TX_CLK_IN (transmit
clock in and complement), 17-9
reset
HRESET (hard reset), 4-2, 4-9
HRESET_REQ (hard reset request), 4-2, 11-17, 11-18
READY, 4-2, 20-25, 20-26
SRESET (soft reset), 4-2, 4-9
TSEC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com