Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1295 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1295 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1295Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1296Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1297Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1298Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1299Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1295 / 1302 page
background image
R–R
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-17
chaining mode operation, 17-112
descriptor format, 17-115
direct mode operation, 17-112
interrupts, 17-116
special error case condition, 17-117
switching between modes, 17-115
overview, 1-19, 17-109
port-write controller
structure, 17-121
registers, see RapidIO controller, registers
modes of operation, 17-5
accept-all mode, 17-6
CRC checking modes, 17-5
error checking disable mode, 17-6
link response time-out disable mode, 17-6
output port driver disable mode, 17-6
output port enable mode, 17-6
packet response time-out disable mode, 17-6
transmit clock-select mode, 17-5
see also RapidIO controller, clocks, 17-5
overview, 1-18, 17-7
performance monitor events, 19-17
registers
architectural registers, 17-13-17-34
block header command and status registers,
17-27-17-34
command and status registers, 17-22-17-34
implementation registers, 17-34-17-65
ATMU, 17-36-17-43
configuration/error injection, 17-34-17-36
error handling, 17-43-17-65
message unit registers, 17-65-17-83
doorbell registers, 17-77-17-81
inbound message registers, 17-72-17-76
outbound descriptors, 17-72
outbound message registers, 17-65-17-72
port-write registers, 17-81-17-83
signals summary, 17-7
see also Signals, RapidIO
terminology, 17-4
transaction, packet, and control symbols, 17-83
READY signal, 4-2, 4-10, 20-25, 20-26
Registers
by acronym (memory-mapped registers)
see Register Index
configuration, control, and status, 2-10-2-16, 4-3
device-specific utilities, 2-15
general utilities, 2-13
programmable interrupt controller (PIC) space, 2-14
context ID, 20-24-20-25
DDR
configuration registers, 9-10-9-17
DLL control, 18-19
error handling registers, 9-19-9-25
error injection registers, 9-17-9-19
e500 core, see e500 core, registers
ECM, 8-3
FEC
FIFO control and status registers, 21-21-21-25
general control and status registers, 21-13-21-21
hash function registers, 21-45-21-46
MAC registers, 21-36-21-45
receive control and status registers, 21-31-21-36
transmit control and status registers, 21-25-21-31
global utilities, 18-4
POR boot mode status, 18-5
POR debug mode status, 18-9
POR device status, 18-7
POR external system configuration, 18-9
POR I/O impedance status, 18-6
POR PLL status, 18-4
I
2C interface, 11-4
L2 cache/SRAM registers, 7-6-7-20
LBC, 13-10
DLL control, 18-20
local access window registers
attributes registers (LAWAR0–LAWAR7), 2-6
base address registers (LAWBAR0–LAWBAR7), 2-6
PCI/PCI-X
configuration header registers, 16-36-16-53, 16-72
see also PCI/PCI-X controller, registers
memory-mapped registers
ATMU inbound registers, 16-24-16-28
ATMU outbound registers, 16-20-16-24
configuration access registers, 16-18-16-20
error management registers, 16-28-16-35
performance monitor (e500 core) counter registers, 5-30
performance monitor, descriptions, 19-3
PIC, 10-16
global registers, 10-16-10-20
global timer registers, 10-20-10-25
interrupt source configuration registers, 10-20-10-23,
10-32-10-37
message registers, 10-30-10-32
non-accessible registers
in-service register (ISR), 10-45
interrupt pending register (IPR), 10-43
interrupt request register (IRR), 10-43
per-CPU registers, 10-38-10-42
performance monitor mask registers, 10-28-10-30
summary registers, 10-26-10-28
processor version register (PVR), 18-17
RapidIO
architectural registers, 17-13-17-34



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com