Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1290 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1290 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1291Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1292Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1293Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1294Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1290 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-12
Freescale Semiconductor
M–M
SDRAM mode
registers, 13-17, 13-22
timing, 13-58
activate-to-read/write interval, 13-56
CAS latency, 13-56
external buffers, 13-57
MODE-SET commands, 13-60
precharge-to-activate interval, 13-55
refresh recovery, 13-57
refresh timing, 13-61
write recovery, 13-56
transactions, 13-60
signals summary, 13-5
see also Signals, LBC
UPM interfaces, 13-62-13-83
block diagram, 13-62
example interface, 13-78
extended hold time (reads), 13-77
programming the UPMs, 13-66
RAM array, 13-67
address multiplexing, 13-74
byte select signal timing, 13-72
chip select signal timing, 13-72
data timing, 13-75
general purpose signal timing, 13-73
LGPL[0:5] timing (LAST), 13-76
loop control, 13-73
RAM word definition, 13-68
REDO, 13-74
wait mechanism (WAEN), 13-76
signal timing, 13-66
synchronous UPWAIT (early transfer acknowledge),
13-77
UPM mode
registers, 13-16, 13-18
UPM requests, 13-63
exception requests, 13-66
memory access requests, 13-64
refresh timer requests, 13-65
software requests, 13-65
ZBT SRAM interface, 13-101
LOE (LBC GPCM output enable) signal, 13-6
Low-voltage differential signaling
see RapidIO, functionality lists, 8/16 LP-LVDS
LPBSE (LBC parity byte select) signal, 13-7
LR (link register), see e500 core, registers
LSDA10 (LBC SDRAM A10) signal, 13-6
LSDCAS (LBC SDRAM CAS) signal, 13-7
LSDDQM[0:3] (LBC SDRAM data mask) signal, 13-6
LSDRAS (LBC SDRAM RAS) signal, 13-6
LSDWE (LBC SDRAM write enable) signal, 13-6
LSYNC_IN (LBC DLL synchronization in) signal, 13-8
LSYNC_OUT (LBC DLL synchronization out) signal, 13-8
LWE[0:3] (LBC GPCM write enable) signals, 13-6
M
MA[0:14] (DDR address bus) signals, 9-6
MAC functionality
see FEC controller, MAC functionality
see TSEC, MAC functionality
Machine check
MCP (processor machine check) signal, 10-9
mcp summary register (MCPSUMR), 18-16
SRESET (soft reset) signal, 4-9
MAS0-MAS6 (MMU assist registers 0–6), see e500 core,
registers
MBA[0:1] (DDR logical bank address) signals, 9-6
MCAR (machine check address register), see e500 core,
registers
MCAS (DDR column address strobe) signal, 9-6
MCK[0:5] (DDR clock output complement) signals, 9-8
MCK[0:5] (DDR clock output) signals, 9-8
MCKE (DDR clock enable) signal, 9-8
MCP (processor machine check) signal, 10-9
MCS[0:3] (DDR chip select) signals, 9-7
MCSR (machine check syndrome register), see e500 core,
registers
MCSRR0 (machine check save/restore register 0), see e500
core, registers
MCSRR1 (machine check save/restore register 1), see e500
core, registers
MDM[0:8] (DDR SDRAM data output mask) signals, 9-7
MDQ[0:8] (DDR data bus strobe) signals, 9-5, 9-27
MDVAL (DDR/LBC debug mode data valid) signal, 4-20,
13-9, 20-4, 20-7
MECC[0:5] (DDR error correcting code) signals as debug,
20-4, 20-8
MECC[0:7] (DDR error correcting code) signals, 4-21, 9-6
Memory management unit (MMU), see e500 core, memory
management unit (MMU)
Memory maps
CCSR memory, 2-4
accessing CCSR memory from external masters, 2-11
CCSR and RapidIO registers, 2-15
CCSR map, complete list of memory-mapped registers
(by offset), 2-16
CCSR organization, 2-11
CCSR registers, 2-10-2-16
device-specific utilities, 2-15
general utilities registers, 2-13
programmable interrupt controller (PIC) space, 2-14
configuration, control, and status registers, 4-3
DDR controller, 9-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com