Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1286 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1286 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1288Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1289Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1290Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1286 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-8
Freescale Semiconductor
H–I
nap mode, 18-23
power-down sequence, 18-24
sleep mode, 18-24, 18-28
software considerations, 18-28
processor version register (PVR), 18-17
register descriptions, 18-4
by acronym, see Register Index
signals summary, 18-2
see also Signals, global utilities
snooping and power management, 18-28
system version register (SVR), 18-18
GPCM (LBC general-purpose chip-select machine), 13-38
see also Local bus controller (LBC)
GPRs (general-purpose registers), see e500 core, registers
H
Hash table algorithm, see FEC controller, hash function
Hash table algorithm, see TSEC, hash function
HID0 (hardware implementation-dependent register 0), see
e500 core, registers
HID1 (hardware implementation-dependent register 1), see
e500 core, registers
Host/agent configuration (POR), PCI and RapidIO, 4-14
HRESET (hard reset) signal, 4-2, 4-9
HRESET_REQ (hard reset request) signal, 4-2, 11-17, 11-18
I
I/O impedance
LBC and PCI/PCI-X signals
control and status register (global utilities), 18-6
PCI/PCI-X interface (POR), 4-19
I/O requirements, 18-28
I/O space
PCI/PCI-X addressing, 16-60
I
2C controller
overview, 1-15
I
2C interface
arbitration
arbitration control, 11-14
loss of arbitration—forcing of slave mode, 11-23
procedure for arbitration, 11-14
block diagram, 11-1
boot sequencer
POR configuration, 4-16
boot sequencer mode, 11-2, 11-17-11-19
error condition behavior, 11-17, 11-18
calling address match condition, 11-5
clock control, 11-15
clock stretching, 11-17
clock synchronization, 11-16
input synchronization and digital filter, 11-16
master mode, 11-16
slave mode, 11-16
data transfer, 11-12
error handling
boot sequencer mode, 11-17, 11-18
features, 11-2
frequency divider
frequency divider register (I2CFDR), 11-5
functional description, 11-10
handshaking, 11-15
implementation details, 11-13
address compare, 11-14
control transfer, 11-13
transaction monitoring, 11-13
initialization/application information, 11-20-11-24
boot sequencer mode, see I
2C interface, boot sequencer
mode
generation of SCL when SDA low, 11-22
initialization sequence, 11-20
post-transfer software response, 11-21
repeated START generation, 11-22
START generation, 11-11, 11-21
STOP generation, 11-12, 11-22
interrupts
calling address match condition, 11-5
flowchart for interrupt service routine, 11-23
interrupt after transfer, 11-21
interrupt enable bit (I2CCR[MIEN]), 11-7
interrupt on START, 11-21
interrupt pending status bit (I2CSR[MIF]), 11-9
interrupt-driven byte-to-byte transfers, 11-2
read of last byte, 11-22
slave mode interrupt service routine guidelines, 11-23
for slave transmitter routine, 11-23
loss of arbitration, 11-23
memory map/register definition, 11-4
modes of operation, 11-2
boot sequencer mode, 11-2, 11-17-11-19
interrupt-driven byte-to-byte data transfer, 11-2
master mode, 11-2
slave mode, 11-2
overview, 11-2
register descriptions, 11-4
by acronym, see Register Index
signals summary, 11-3
see also Signals, I
2C
transaction protocol, 11-10
handshaking, 11-15
repeated START condition, 11-3, 11-12
slave address transmission, 11-11
START condition, 11-3, 11-11, 11-21
STOP condition, 11-3, 11-12, 11-22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com