Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1283 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1283 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1287Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1283 / 1302 page
background image
E–E
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
Index 2-5
branch operations
registers, 6-9-6-11
branch target buffer (BTB)
registers, 6-25-6-27
branch target buffer (BTB) locking, 5-5
instructions, 5-13
cache line lock and unlock APU, 5-5
instructions, 5-12
clock multipliers, 5-11
see also Clocks, POR settings
computational operations
registers, 6-8-6-9
core complex bus (CCB), 5-9, 5-29
critical interrupts, 5-22
data cache, see e500 core, L1 caches
debug registers, 6-42-6-48
device implementation details, 5-33
exceptions and interrupt handling, 5-20
critical interrupts, 5-22
interrupt classes, 5-21
interrupt latencies (upper bound), 5-22
interrupt registers, 5-22
interrupt types, 5-21
execution units
load/store unit, 5-8
multiple-cycle unit (MU), 5-7
features, 5-5
Freescale Semiconductor Book E implementation
standards (EIS), 5-3
future compatibility warning and SPE APU, 1-9, 5-3, 5-33,
6-12
hardware implementation-dependent registers (HID0–1),
6-27-6-30
instruction flow, 5-14
branch detection and prediction, 5-14
execution pipeline, 5-15
instruction pipeline stages
complete and write-back, 5-17
decode/dispatch, 5-16
execute, 5-17
instruction fetch, 5-16
issue queues (BIQ, GIQ), 5-16
interrupts
registers, 6-18-6-24
sources, 10-4
L1 caches, 5-20
cache coherency, 5-9, 5-28
cache control instructions, 5-28
registers, 6-30-6-34
structure, 5-6
machine check APU, 5-5
rfmci instruction, 5-12
memory coherency
atomic update memory references, 5-28
memory access ordering, 5-28
memory management unit (MMU), 5-24
address translation, 5-26
registers, 6-34-6-42
MMU assist registers (MAS1–MAS4, MAS6), 5-27
process ID registers (PID0–PID2), 5-27
TLB coherency, 5-27
TLB instructions, 5-26, 5-27
two-level MMU structure, 5-25
memory/cache attributes (WIMGE), 5-29
overview, 1-8, 5-1
performance monitor, 5-29
instructions, 5-12
purposes, 5-5
registers, 6-51-6-54
power management, 5-10
processor control registers, 6-11-6-15
programming model
instruction set, 5-12
registers diagram, 5-18
registers
BBEAR (branch buffer address register), 6-25
BBTAR (branch buffer target address register), 6-25
BUCSR (branch unit control and status register), 6-26
CR (condition register), 6-9
CSRR0 (critical save/restore register 0), 6-18
CSRR1 (critical save/restore register 1), 6-19
CTR (count register), 6-11
DACn (data address compare registers 1–2), 6-48
DBCRn (debug control register 0–2), 6-42-6-46
DBSR (debug status register), 6-46
DEAR (data exception address register 0), 6-19
DEC (decrementer register), 6-17
DECAR (decrementer auto-reload register), 6-17
ESR (exception syndrome register), 6-20
GPRs (general-purpose registers), 6-8
HID0 (hardware implementation-dependent register 0),
6-27
HID1 (hardware implementation-dependent register 1),
6-28
IACn (instruction address compare registers 1–2), 6-47
IVORn (interrupt vector offset registers), 6-19
IVPR (interrupt vector prefix register), 6-19
L1CFG0 (L1 cache configuration register 0), 6-32
L1CFG1 (L1 cache configuration register 1), 6-33
L1CSR0 (L1 cache status and control register 0), 6-30
L1CSR1 (L1 cache status and control register 1), 6-31
LR (link register), 6-11
MAS0–MAS6 (MMU assist registers 0–6), 5-27,
6-37-6-42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com