Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1282 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1282 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1278Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1279Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1280Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1281Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1282Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1283Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1284Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1285Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1286Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1282 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Index 2-4
Freescale Semiconductor
E–E
overview, 1-18, 15-1
performance monitor events, 19-18
register descriptions, 15-10-15-28
by acronym, see Register Index
signal select—channel 2 and 3, 18-12, 18-29
signals summary, 15-5
see also Signals, DMA controller
system considerations, 15-41
unusual scenarios, 15-43
DMA to configuration and control registers, 15-44
DMA to DUART, 15-44
DMA to e500 core, 15-43
DMA to Ethernet, 15-44
DMA to I2C, 15-44
transfer interfaces, 15-37
DMA_DACK[0:3] (DMA acknowledge) signals, 15-6
DMA_DDONE[0:3] (DMA done) signals, 15-6
DMA_DREQ[0:3] (DMA request) signals, 15-6
Doorbell message controller
see RapidIO controller, message unit
Doze mode, 1-19, 18-23
see also Global utilities, power management
DUART
asynchronous communication bits, 12-2
parity bit, 12-22
START bit, 12-21
STOP bit, 12-22
baud-rate generator logic, 12-22
block diagram, 12-2
divisor latch access bit (ULCRn[DLAB]), 12-4, 12-12
error handling, 12-23
framing error, 12-9, 12-16, 12-21, 12-22, 12-23
overrun error, 12-23
parity error, 12-23
errors detected, 12-3
features, 12-2
functional description, 12-20
initialization/application information, 12-25
interrupts
interrupt control logic, 12-25
interrupt enable and control registers, 12-9-12-11
memory map/register definition, 12-4
modes of operation, 12-3
DMA mode selection, 12-24
FIFO mode, 12-24
interrupts, 12-24
local loop-back mode, 12-22
overview, 1-16, 12-1
PC16450 UART compatibility, 12-2
performance monitor events, 19-27
register descriptions, 12-4, 12-6-12-20
by acronym, see Register Index
UART0 register offsets, 12-4
UART1 register offsets, 12-4
serial interface data format, 12-2
serial interface operation, 12-20-12-22
data transfer, 12-21
START bit, 12-21
STOP bit, 12-22
transaction protocol example, 12-21
signals summary, 12-3
see also Signals, DUART
E
e500 coherency module (ECM)
block diagram, 8-1
CCB arbiter, 8-9
CCB interface, 8-10
configuration
CCB address configuration register (EEBACR), 8-3
CCB port configuration register (EEBPCR), 8-4
error handling
error handling registers, 8-5-8-8
features, 8-2
functional description, 8-9
global data multiplexor, 8-10
I/O arbiter, 8-9
initialization/application information, 8-10-8-11
interrupts
ECM error enable register (EEER), 8-6
memory map/register definition, 8-2
overview, 1-14, 8-1
performance monitor events, 19-18
register descriptions, 8-3
by acronym, see Register Index
transaction queue, 8-9
e500 core
block diagram, 5-1
Book E architecture
auxiliary processing units (APUs), 5-3
branch target buffer (BTB) locking, 5-5, 5-13
cache line lock and unlock, 5-5, 5-12
integer select (isel), 5-5
machine check, 5-5, 5-12
performance monitor, 5-5, 5-12, 5-29
single-precision floating-point (SPFP), 5-12
future upward compatibility and SPE APU, 5-3
legacy support of PowerPC architecture, 5-31
exception handling, 5-32
instruction set compatibility, 5-31
little-endian mode, 5-33
memory management unit (MMU) and TLBs, 5-32
reset operation, 5-32
boot mode (POR), 4-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com