Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1234 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1234 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1235Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1236Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1237Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1238Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1234 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-22
Freescale Semiconductor
Revision History
14.5.3.6.12, 14-56
In Table 14-43, replace the last row with the following rows:
14.5.3.6.12, 14-55
In Figure 14-45, correct the reset value for the IFSTAT register to be
0x0000_0000.
14.5.3.7.44, 14-79
Correct the first sentence to read:
"Carry register bits are cleared when written with a one."
14.5.3.7.45, 14-80
Correct the first sentence to read:
"Carry register bits are cleared when written with a one."
14.5.3.7.47, 14-83
In Figure 14-94, change bit 30 to be “Reserved”.
14.5.3.8.1, 14-84
Change the third sentence of the first paragraph to read:
“When the DA field of a receive frame is processed through a 32-bit CRC
generator, the 8 high-order bits (0–7) of the CRC remainder are mapped to
one of the 256 entries.”
14.5.3.8.1, 14-85
In Table 14-93, add the following sentence to the IADDRn field description:
“For instance, the MSB of IADDR0 correlates to entry 0 and the LSB of
IADDR7 correlates to entry 255.”
14.5.3.8.2, 14-85
In Table 14-94, add the following sentence to the GADDRn field
description:
“For instance, the MSB of GADDR0 correlates to entry 0 and the LSB of
GADDR7 correlates to entry 255.”
14.5.3.9.2, 14-87
Replace Figure 14-98 with the following figure to correspond to
Table 14-96:
23–27
—
Reserved
28
Link Fail
Link Fail. This bit indicates the status of signal detection.
0 The100X module has detected a “signal detect” for longer than 330 mS.
1 The100X module has detected a “signal detect” for less than 330 mS or not at all.
29–31
—
Reserved
0
1
2
15 16 17 18
31
R0
0
EL
00
EI
W
RESET
0000_0000_0000_0000_0000_0000_0000_0000
Offset
TSEC1:0x2_4BFC; TSEC2:0x2_5BFC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com