Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1230 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1230 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1233Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1234Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1230 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-18
Freescale Semiconductor
Revision History
duration specified in the received pause control frame and beginning when
the frame was received. 0Control frame not received
1
Control frame received”
14.5.3.1.1, 14-20
Replace the last two sentences of the first paragraph with:
“Clearing the IEVENT bit clears the interrupt signal. The bit in the IEVENT
register is cleared if a 1 is written to that bit position. A write of 0 has no
effect.”
14.5.3.1.1, 14-21
In Table 14-4, replace the EBERR field description with:
“Ethernet bus error. This bit indicates that a system bus error for a memory
read ocurred while a DMA transaction was underway. If the EBERR is set
while transmission is in progress, the DMA stops sending data to the Tx
FIFO which eventually causes an underrun error (XFUN) and
TSTAT[THLT] is set. If the EBERR is set while receiving a frame, the DMA
discards the frame and RSTAT[QHLT] is set.
0
No system bus error occurred.
1
System bus error occurred.”
14.5.3.1.2, 14-22
Replace the last sentence in the first paragraph with:
“The interrupt signal can be cleared by clearing the corresponding IEVENT
bit.”
14.5.3.1.3, 14-24
Undocument bitfields TXEDIS, CRL/XDADIS, and XFUNDIS.
14.5.3.1.7, 14-27 and 28
Remove bitfield DMACTRL[TOD] from Figure 14-12 and Table 14-10.
This bit position (29) is now reserved.
14.5.3.1.7, 14-28
In Table 14-10, add the following paragraph after the second paragraph of
the WOP field description:
“A buffer descriptor is considered not ready when its TxBD[Ready] field is
clear or its TxBD[Data Length] field is zero. It is considered ready when
both TxBD[Ready] is set and TxBD[Data Length] is non-zero.”
14.5.3.1.7, 14-28
In Table 14-10, change the second sentence of the third paragraph (which
becomes the fourth paragraph after incorporating of the above errata) of the
WOP field description to read:
“If the TxBD becomes ready, TSEC continues to process the frame.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com