Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1228 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1228 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1228Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1229Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1230Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1231Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1232Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1228 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-16
Freescale Semiconductor
Revision History
11.4.5.2, 11-18
Insert the following two sentences after the eighth sentence of the first
paragraph:
“The boot sequencer expects the address offset to be a 32-bit (word) offset,
that is, the 2 low-order bits are not included in the boot sequencer command.
For example, to access LAWBAR0 (byte offset of 0x00C08), the boot
sequencer ADDR[0:17] should be set to 0x00302.”
11.4.5.2, 11-18
Insert the following sentence after the polynomial used for CRC calculation
in the fourth paragraph:
“CRC values are calculated using the above polynomial with a start value
of 0xFFFF_FFFF and an XOR with 0x0000_0000.”
12.3.1.9, 12-15
In Table 12-16, change the second sentence of the asserted (“1”) description
for the ULSR[BI] to read:
“A break condition is expected to last at least two character lengths and a
new character is not loaded until SIN returns to the mark state (logic 1) and
a valid START is detected.”
Chapter 13
Correct all instances of “UPWAIT” to “LUPWAIT.”
13.1.3.1, 13-3
Change the third sentence of the first paragraph to read:
“In addition to establishing the frequency of the external local bus clock,
CLKDIV also affects the resolution of signal timing shifts in GPCM mode,
and the interpretation of UPM array words in UPM mode.”
13.1.3.1, 13-4
In the last sentence, change “LCLK[0:3]” to “LCLK[0:2].”
13.2, 13-5
Delete the Reset State (outputs) column (and references to it) of Table 13-1.
13.2, 13-6, 13-7, and 13-9
In Table 13-2, change all instances of “RAS” to “RAS” and all instances of
CAS to CAS.
13.3.1.2.3, 13-16 and 17
In Table 13-7, Table 13-8, Figure 13-4, and Figure 13-5, change bits 17–18
to reserved.
13.4.4, 13-61
Insert the following footnote associated with the word ‘signals’ in the
second sentence of the section:
“If the LGPL4/LGTA/LUPWAIT/LPBSE signal is used as both an input and
an output, a weak pullup is required. Refer to the hardware specification for
details regarding termination options.”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com