Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1224 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1224 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1227Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1228Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1224 / 1302 page
background image
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
A-12
Freescale Semiconductor
Revision History
9.5.4–9.5.7, 9-35–9-39
In all burst examples, re-number the data beats in the figures to be D0, D1,
D2, D3, D0, D1, D2, D3.
9.5.4, 9-35
In the last paragraph, change the phrase, “see Figure 9-26 for a single-beat
read operation,” to read “see Figure 9-26 for a back-to-back burst read
operation,”.
9.5.4, 9-36
Change the title of Figure 9-28 to “DDR SDRAM Burst Write
Timing—ACTTORW = 4”.
9.5.6, 9-38
Change the last sentence of this section to read “Figure 9-31 shows the
registered DDR SDRAM DIMM back-to-back burst write timing.”
9.5.7, 9-39
Replace the existing Figure 9-32 with the figure below:
9.5.8, 9-40
In the paragraph preceding Section 9.5.8.1, change the reference to “Two
sets of auto refresh commands...” to read “Three sets of auto refresh
commands...”. Also, change the reference to “...commands are also
staggered in two groups...” to read “... commands are also staggered in three
groups...”
ACTTORW
ROW
COL
SDRAM Clock
MCS
MCAS
MA[13:0]
MWE
MRAS
00
MDQ[0:63]
MDQS
MDM[0:7]
1/4 Delay
COL
MDQ[0:63]
MDQS
MDM[0:7]
1/2 Delay
01
23
45
67
8910
11
12
D0 D1 D2 D3 D4 D5 D6 D7
D0 D1 D2 D3 D4 D5 D6 D7
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com