Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1223 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1223 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1224Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1225Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1226Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1227Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1223 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-11
generate a machine check interrupt, unless it is disabled (by clearing
HID1[RFXE]). If RFXE is zero and this error occurs,
ERR_DISABLE[MBED] must be zero and MBEE and
DDR_SDRAM_CFG[ECC_EN] must be set to ensure that an interrupt is
generated. For more information, see Section 6.10.2, “Hardware
Implementation-Dependent Register 1 (HID1).”
0
Multiple-bit ECC errors cannot generate interrupts.
1
Multiple-bit ECC errors generate interrupts.”
9.5, 9-25
Replace Figure 9-21 with the figure below:
9.5, 9-25
Remove the last sentence of the fourth paragraph.
9.5.1.1, 9-30
In the first two columns of Table 9-26, change “Mbytes” to “Mbits” and
“Gbytes” to “Gbits”.
9.5.1.1, 9-30
Delete the second-to-last paragraph of this sentence that starts with the
words, “If a disabled bank...”
Address
Decode
Request from
Master
Input
Staging
Queue
Physical Bank,
Logical Bank,
Row
Row
Open
Address
Control
DDR SDRAM
Memory Array:
MA[0:14]
MBAA[0:1]
Debug Signals:
MSRCID[0:4]
MDVAL
DDR SDRAM
Memory Control:
MCS[0:3]
MCAS
MRAS
MWE
MDM[0:8]
MCKE[0:1]
Data Strobes:
MDQS[0:8]
Data Signals:
MDQ[0:63]
MECC[0:7]
Address from
Master
SDRAM
Control
Row
Open
Table
Delay Chain
NEG
DQ
ECC
Error
Signals
DQ
DQ
ECC
RMW
ECM
To Error
Management
Data from
SDRAM
Data from
Master
EN
EN
Clocks:
MCK[0:5]
MCK[0:5]
MSYNC_OUT
MSYNC_IN
DLL
FIFO
POS
FIFO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com