Electronic Components Datasheet Search
  English  ▼

X  

MPC8540 Datasheet(PDF) 1219 Page - Freescale Semiconductor, Inc

Part # MPC8540
Description  MPC8540 PowerQUICC III??Integrated Host Processor Reference Manual
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8540 Datasheet(HTML) 1219 Page - Freescale Semiconductor, Inc

Back Button MPC8540 Datasheet HTML 1215Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1216Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1217Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1218Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1219Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1220Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1221Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1222Page - Freescale Semiconductor, Inc MPC8540 Datasheet HTML 1223Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1219 / 1302 page
background image
Changes From Revision 0 to Revision 1
MPC8540 PowerQUICC III Integrated Host Processor Reference Manual, Rev. 1
Freescale Semiconductor
A-7
3. Very soon after the cache external write, a transaction to clear the
lock occurs. This can be caused by the processor executing a dcblc or
icblc instruction with CT = 1, or by the ECM mastering a lock clear
transaction.
If this scenario occurs within a tight timing window, the cache line
may unexpectedly remain locked at the end of the sequence.
The interrupt handler may want to clear the erroneously remaining
lock in this case.
7.9, 7-28
Add new Section 7.9.2, “Flash Invalidation of L2 Cache” as follows:
“The L2 cache may be completely invalidated by setting the L2I bit of the
L2 control register (L2CTL). Note that no data is lost in this process because
the L2 cache is a write-through cache and contains no modified data. Flash
invalidation of the cache is necessary when the cache is initially enabled and
may be necessary to recover from some error conditions such as a tag parity
error.
The invalidation process requires several cycles to complete. The L2I bit
remains set during this procedure and is then cleared automatically when
the procedure is complete. The L2 cache controller issues retries for all
transactions on the e500 core complex bus (CCB) while the flash
invalidation process is in progress.
Note that the contents of memory-mapped SRAM regions of the data array
are unaffected by a flash invalidation of the L2 cache regions fo the array.
7.10, 7-32
Add new Section 7.10, “Initialization/Application Information,” with the
following sections: Section 7.10.1, “Initialization,” with new subsections
Section 7.9.1.1, “L2 Cache Initialization,” and Section 7.9.1.2,
“Memory-Mapped SRAM Initialization.”
7.9.1.1 L2 Cache Initialization
After power-on reset, the valid bits in the L2 cache status array are in
random states. Therefore, it is necessary to perform a flash invalidate
operation before using the array as an L2 cache. This is done by writing a 1
to the L2I bit of the L2 control register (L2CTL). This can be done before
or simultaneously with the write that enables the L2 cache. That is, the L2E
and L2I bits of L2CTL can be set simultaneously. The L2I bit clears
automatically, so no further writes are necessary.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com