Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 4 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 4 Page - Analog Devices

  AD7794 Datasheet HTML 1Page - Analog Devices AD7794 Datasheet HTML 2Page - Analog Devices AD7794 Datasheet HTML 3Page - Analog Devices AD7794 Datasheet HTML 4Page - Analog Devices AD7794 Datasheet HTML 5Page - Analog Devices AD7794 Datasheet HTML 6Page - Analog Devices AD7794 Datasheet HTML 7Page - Analog Devices AD7794 Datasheet HTML 8Page - Analog Devices AD7794 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
AD7794
Preliminary Technical Data
REV.PrE 6/04 | Page 4
Parameter
AD7794B
Unit
Test Conditions/Comments
REFERENCE INPUT
Internal Reference Initial Accuracy
1.17 ±0.01%
V min/max
Internal Reference Drift
5
ppm/°C typ
15
ppm/°C max
Internal Reference Noise
2
µV RMS
Gain = 1, Update Rate = 16.6 Hz. Includes ADC
Noise.
External REFIN Voltage
2.5
V nom
REFIN = REFIN(+) – REFIN(–)
Reference Voltage Range2
0.1
V min
AVDD
V max
Absolute REFIN Voltage Limits2
GND – 30 mV
V min
AVDD + 30 mV
V max
Average Reference Input Current
400
nA/V typ
Average Reference Input Current Drift
±0.03
nA/V/°C typ
Normal Mode Rejection2
Same as for Analog
Inputs
Common Mode Rejection
Same as for Analog
Inputs
Reference Detect Levels
0.3
V min
NOXREF Bit Inactive if VREF < 0.3 V
0.65
V max
NOXREF Bit Active if VREF > 0.65 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com