Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 1 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 1 Page - Analog Devices

  AD7794 Datasheet HTML 1Page - Analog Devices AD7794 Datasheet HTML 2Page - Analog Devices AD7794 Datasheet HTML 3Page - Analog Devices AD7794 Datasheet HTML 4Page - Analog Devices AD7794 Datasheet HTML 5Page - Analog Devices AD7794 Datasheet HTML 6Page - Analog Devices AD7794 Datasheet HTML 7Page - Analog Devices AD7794 Datasheet HTML 8Page - Analog Devices AD7794 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Low Power, 24-Bit Sigma-Delta ADC with In-
Amp and Embedded Reference (6 Channel)
Preliminary Technical Data
AD7794
REV.PrE
6/04.
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2004 Analog Devices, Inc. All rights reserved.
FEATURES
Six Differential Analog Inputs
Low Noise Programmable Gain Instrumentation-Amp
RMS noise: 80 nV (Gain = 64)
Bandgap Reference with 5 ppm/ C Drift typ
Power
Supply: 2.7 V to 5.25 V operation
Normal: 400 µA typ
Power-down: 1 µA max
Update Rate: 4 Hz to 500 Hz
Simultaneous 50 Hz/60 Hz Rejection
Internal Clock Oscillator
Reference Detect
Programmable Current Sources (10 µA/200 µA/1 mA)
On-Chip Bias Voltage Generator
100 nA Burnout Currents
Low Side Power Switch
Independent Interface Power Supply
24-Lead TSSOP Package
INTERFACE
3-wire serial
SPI®, QSPI™, MICROWIRE™, and DSP compatible
Schmitt trigger on SCLK
APPLICATIONS
Temperature measurement
Pressure measurement
Weigh scales
GENERAL DESCRIPTION
The AD7794 is a low power, complete analog front end for
low frequency measurement applications. It contains a low
noise 24-bit ∑-∆ ADC with six differential inputs. The on-chip
low noise instrumentation amplifier means that signals of small
amplitude can be interfaced directly to the ADC.
The device contains a precision low noise, low drift internal
reference for absolute measurements. An external reference can
also be used if ratiometric measurements are required. Other
on-chip features include programmable excitation current
sources and a bias voltage generator for temperature applica-
tions along with 100 nA burnout currents. For pressure and
weighscale applications, a low-side power switch is available to
power down the bridge between conversions to minimize the
power consumption of the system. The device can be operated
with the internal clock or, alternatively, an external clock can be
used if synchronizing several devices. The output data rate
from the part is software programmable and can be varied from
4 Hz to 500 Hz.
The part operates with a power supply from 2.7 V to 5.25 V. It
consumes a current of 450 uA maximum and is housed in a 24-
lead TSSOP package.
FUNCTIONAL BLOCK DIAGRAM
AD7794
SERIAL
INTERFACE
AND
CONTROL
LOGIC
INTERNAL
CLOCK
CLK
SIGMA DELTA
ADC
AIN1(+)
AIN1(-)
AIN5(+)/IOUT2
AIN5(-)/IOUT1
MUX
IN-AMP
REFIN1(+)
REFIN1(-)
BANDGAP
REFERENCE
GND
VDD
GND
VDD
PSW
REFERENCE
DETECT
AIN2(+)
AIN2(-)
AIN6(+)/P1
AIN6(-)/P2
AIN3(+)
AIN3(-)
AIN4(+)/REFIN2(+)
AIN4(-)/REFIN2(-)
VBIAS
GND
GND
AVDD
DOUT/RDY
DIN
SCLK
CS
DVDD
TEMP
SENSOR


Similar Part No. - AD7794

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7794 AD-AD7794 Datasheet
767Kb / 37P
6-Channel, Low Noise, Low Power
REV. D
AD7794BRU AD-AD7794BRU Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRU-REEL AD-AD7794BRU-REEL Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ-REEL1 AD-AD7794BRUZ-REEL1 Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
AD7794BRUZ1 AD-AD7794BRUZ1 Datasheet
814Kb / 36P
6-Channel, Low Noise, Low Power, 24-/16-Bit 誇-? ADC with On-Chip In-Amp and Reference
REV. D
More results

Similar Description - AD7794

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7787 AD-AD7787 Datasheet
326Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
4/04-Revision 0
AD7798 AD-AD7798 Datasheet
499Kb / 17P
Low Power, 24-Bit/16-Bit Sigma-Delta ADC with In-Amp
7/13-Rev. A to Rev. B
AD7792 AD-AD7792 Datasheet
241Kb / 18P
Low Power, 16/24-Bit Sigma-Delta ADC with Low-Noise In-Amp and Embedded Reference
Jun-2004
AD7787 AD-AD7787_13 Datasheet
307Kb / 20P
Low Power, 2-Channel 24-Bit Sigma-Delta ADC
REV. A
AD7124-4 AD-AD7124-4 Datasheet
1Mb / 90P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. A
AD7124-8 AD-AD7124-8 Datasheet
1Mb / 91P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
REV. B
AD7124-8 AD-AD7124-8_17 Datasheet
1Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit Sigma-Delta ADC with PGA and Reference
Rev. D
AD7124-4-EP AD-AD7124-4-EP Datasheet
272Kb / 17P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-4 AD-ADFS7124-4 Datasheet
3Mb / 93P
4-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
ADFS7124-8 AD-ADFS7124-8 Datasheet
2Mb / 93P
8-Channel, Low Noise, Low Power, 24-Bit, Sigma-Delta ADC with PGA and Reference
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com