Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 17 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices AD7794 Datasheet HTML 18Page - Analog Devices AD7794 Datasheet HTML 19Page - Analog Devices AD7794 Datasheet HTML 20Page - Analog Devices AD7794 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
Preliminary Technical Data
AD7794
REV.PrE 6/04 | Page 17
Bit Location
Bit Name
Description
CLK1
CLK0
ADC Clock Source
0
0
Internal 64 kHz Clock, Internal Clock is not available at the CLK pin
0
1
Internal 64 kHz Clock. This clock is made available at the CLK pin
1
0
External 64 kHz Clock used. The external clock can have a 45:55 duty cycle.
1
1
External Clock used. This external clock is divided by 2 within the AD7794. This
allows the user to supply a clock which has a duty cycle worse than a 45:55 duty
cycle to the AD7794, for example, a 128 kHz clock.
MR5
0
This bit must be programmed with a Logic 0 for correct operation.
MR4
CHOP-DIS
This bit is used to enable or disable chopping. On power-up or following a reset, CHOP-DIS is cleared so
chopping is enabled. When CHOP-DIS is set, chopping is disabled.
MR3-MR0
FS3-FS0
Filter Update Rate Select Bits (see Table 10).
Table 9. Operating Modes
MD2
MD1
MD0
Mode
0
0
0
Continuous Conversion Mode (Default).
In continuous conversion mode, the ADC continuously performs conversions and places the result in the data
register. RDY goes low when a conversion is complete. The user can read these conversions by placing the
device in continuous read mode whereby the conversions are automatically placed on the DOUT line when
SCLK pulses are applied. Alternatively, the user can instruct the ADC to output the conversion by writing to
the communications register. After power-on, the first conversion is available after a period 2/ fADC when
chopping is enabled or 1/ fADC when chopping is disabled. Subsequent conversions are available at a
frequency of fADC with chopping either enabled or disabled,
0
0
1
Single Conversion Mode.
In single conversion mode, the ADC is placed in power-down mode when conversions are not being
performed. When single conversion mode is selected, the ADC powers up and performs a single conversion,
which occurs after a period 2/fADC when chopping is enabled or 1/ fADC when chopping is disabled. The
conversion result in placed in the data register, RDY goes low, and the ADC returns to power-down mode.
The conversion remains in the data register and RDY remains active (low) until the data is read or another
conversion is performed.
0
1
0
Idle Mode.
In Idle Mode, the ADC Filter and Modulator are held in a reset state although the modulator clocks are still
provided
0
1
1
Power-Down Mode.
In power down mode, all the AD7794 circuitry is powered down including the current sources, power switch,
burnout currents, bias voltage generator and CLKOUT circuitry.
1
0
0
Internal Zero-Scale Calibration.
An internal short is automatically connected to the enabled channel. A calibration takes 2 conversion cycles
to complete when chopping is enabled and 1 conversion cycle when chopping is disabled. RDY goes high
when the calibration is initiated and returns low when the calibration is complete. The ADC is placed in idle
mode following a calibration. The measured offset coefficient is placed in the offset register of the selected
channel
1
0
1
Internal Full-Scale Calibration.
The fullscale input voltage is automatically connected to the selected analog input for this calibration.
The full-scale error of the AD7794 is calbrated at a gain of 1 using the internal reference in the factory. When
a channel is operated with a gain of 1 and the internal reference is selected, this factory-calibrated value is
loaded into the full-scale register when a full-scale calibration is initiated.
When an external reference is selected at a gain of 1, an internal fullscale calibration can be performed. When
the gain equals 1, a calibration takes 2 conversion cycles to complete when chopping is enabled and 1
conversion cycle when chopping is disabled.
For higher gains, 4 conversion cycles are required to perform the fullscale calibration when chopping is
enabled and 2 conversion cycles when chopping is disabled.
RDY goes high when the calibration is initiated and returns low when the calibration is complete. The ADC is
placed in idle mode following a calibration. The measured fullscale coefficient is placed in the fullscale
register of the selected channel.
Internal full-scale calibrations cannot be performed when the gain equals 128. With this gain setting, a
system full-scale calibration can be performed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com