Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 11 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD7794 Datasheet HTML 7Page - Analog Devices AD7794 Datasheet HTML 8Page - Analog Devices AD7794 Datasheet HTML 9Page - Analog Devices AD7794 Datasheet HTML 10Page - Analog Devices AD7794 Datasheet HTML 11Page - Analog Devices AD7794 Datasheet HTML 12Page - Analog Devices AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
Preliminary Technical Data
AD7794
REV.PrE 6/04 | Page 11
ABSOLUTE MAXIMUM RATINGS
Table 3. (TA= 25°C, unless otherwise noted.)
Parameter
Rating
AVDD to GND
–0.3 V to +7 V
DVDD to GND
–0.3 V to +7 V
Analog Input Voltage to GND
–0.3 V to AVDD + 0.3 V
Reference Input Voltage to GND
–0.3 V to AVDD + 0.3 V
Digital Input Voltage to GND
–0.3 V to AVDD + 0.3 V
Digital Output Voltage to GND
–0.3 V toA VDD + 0.3 V
AIN/Digital Input Current
10 mA
Operating Temperature Range
–40°C to +105°C
Storage Temperature Range
–65°C to +150°C
Maximum Junction Temperature
150°C
TSSOP
θJA Thermal Impedance
97.9°C/W
θJC Thermal Impedance
14°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec)
215°C
Infrared (15 sec)
220°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those listed in the operational sections
of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com