Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 20 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices AD7794 Datasheet HTML 18Page - Analog Devices AD7794 Datasheet HTML 19Page - Analog Devices AD7794 Datasheet HTML 20Page - Analog Devices AD7794 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AD7794
Preliminary Technical Data
REV.PrE 6/04 | Page 20
Bit
Location
Bit Name
Description
0
1
0
0
AIN5(+) – AIN5(-)
3
0
1
0
1
AIN6(+) – AIN6(-)
3
0
1
1
0
Temp Sensor
Automatically selects the internal
reference and sets the gain to 1
0
1
1
1
VDD Monitor
Automatically selects the internal 1.17 V
reference and sets the gain to 1/6
1
0
0
0
AIN1(-) – AIN1(-)
0
1
0
0
1
Reserved
1
0
1
0
Reserved
1
0
1
1
Reserved
1
1
0
0
Reserved
1
1
0
1
Reserved
1
1
1
0
Reserved
1
1
1
1
Reserved
DATA REGISTER (RS2, RS1, RS0 = 0, 1, 1; POWER-ON/RESET = 0x000000)
The conversion result from the ADC is stored in this data register. This is a read-only register. On completion of a read operation from
this register, the RDY bit/pin is set.
ID REGISTER (RS2, RS1, RS0 = 1, 0, 0; POWER-ON/RESET = 0xXF)
The Identification Number for the AD7794 is stored in the ID register. This is a read-only register.
IO REGISTER (RS2, RS1, RS0 = 1, 0, 1; POWER-ON/RESET = 0x00)
The I/O register is an 8-bit register from which data can be read or to which data can be written. This register is used to enable the excitation
currents and select the value of the excitation currents. Table 12 outlines the bit designations for the IO register. IO0 through IO7 indicate
the bit locations, IO denoting the bits are in the IO register. IO7 denotes the first bit of the data stream. The number in brackets indicates the
power-on/reset default status of that bit.
IO7
IO6
IO5
IO4
IO3
IO2
IO1
IO0
0(0)
IOEN(0)
IO2DAT(0)
IO1DAT(0)
IEXCDIR1(0)
IEXCDIR0(0)
IEXCEN1(0)
IEXCEN0(0)
Table 12 Filter Register Bit Designations
Bit Location
Bit Name
Description
IO7
0
This bit must be programmed with a Logic 0 for correct operation.
IO6
IOEN
Configures the pins AIN6(+)/P2 and AIN6(-)/P2 are analog input pins or digital output pins.
When this bit is set, the pins are configured as digital output pins P1 and P2.
When this bit is cleared, these pins are configured as analog input pins AIN6(+) and AIN6(-).
IO5-IO4
IO2DAT/IO1DAT
P2/P1 Data.
When IOEN is set, the data for the digital output pins P1 and P2 is written to bits IO2DAT and IO1DAT.
IO3-IO2
IEXCDIR1–
IEXCDIR0
Direction of Current Sources Select bits.
IEXCDIR1
IEXCDIR0
Current Source Direction
0
0
Current Source IEXC1 connected to pin IOUT1, Current Source IEXC2
connected to pin IOUT2
0
1
Current Source IEXC1 connected to pin IOUT2, Current Source IEXC2
connected to pin IOUT1
1
0
Both Current Sources connected to pin IOUT1. Permitted only when the
current sources are set to 10 uA or 200 uA
1
1
Both Current Sources connected to pin IOUT2. Permitted only when the
current sources are set to 10 uA or 200 uA
IO3-IO2
IEXCEN1–
These bits are used to enable and disable the current sources along with selecting the value of the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com