Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 12 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7794 Datasheet HTML 8Page - Analog Devices AD7794 Datasheet HTML 9Page - Analog Devices AD7794 Datasheet HTML 10Page - Analog Devices AD7794 Datasheet HTML 11Page - Analog Devices AD7794 Datasheet HTML 12Page - Analog Devices AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
AD7794
Preliminary Technical Data
REV.PrE 6/04 | Page 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
916
AIN2(+)
AIN5(-)/IOUT1
10
11
12
15
14
13
AIN2(-)
AIN3(+)
AIN3(-)
AIN5(+)/IOUT2
REFIN1(-)
REFIN1(+)
520
AIN6(+)/P1
GND
6
7
8
19
18
17
AIN6(-)/P2
AIN1(+)
AIN1(-)
PSW
AIN4(-)/REFIN2(-)
AIN4(+)/REFIN2(+)
3
4
22
21
CS
NC
DVDD
AVDD
1
2
24
23
SCLK
CLK
DIN
DOUT/RDY
AD7794
TOP VIEW
(Not To Scale)
Figure 4. Pin Configuration
Table 4. Pin Function Descriptions
Pin
No.
Mnemonic
Function
1
SCLK
Serial Clock Input for Data Transfers to and from the ADC. The SCLK has a Schmitt-triggered input, making the
interface suitable for opto-isolated applications. The serial clock can be continuous with all data transmitted in
a continuous train of pulses. Alternatively, it can be a noncontinuous clock with the information being trans-
mitted to or from the ADC in smaller batches of data.
2
CLK
Clock In/Clock Out. The internal clock can be made available at this pin. Alternatively, the internal clock can
be disabled and the ADC can be driven by an external clock. This allows several ADCs to be driven from a
common clock, allowing simultaneous conversions to be performed.
3
CS
Chip Select Input. This is an active low logic input used to select the ADC. CS can be used to select the ADC in
systems with more than one device on the serial bus or as a frame synchronization signal in communicating
with the device. CS can be hardwired low, allowing the ADC to operate in 3-wire mode with SCLK, DIN, and
DOUT used to interface with the device.
4
NC
No Connect
5
AIN6(+)/P1
Analog Input/Digital Output pin. AIN6(+) is the positive terminal of the differential analog input pair
AIN6(+)/AIN6(-). Alternatively, this pin can function as a general purpose output bit referenced between AVDD
and GND
6
AIN6(–)/P2
Analog Input/ Digital Output pin. AIN6(–) is the negative terminal of the differential analog input pair
AIN6(+)/AIN6(-). Alternatively, this pin can function as a general purpose output bit referenced between AVDD
and GND
7
AIN1(+)
Analog Input. AIN1(+) is the positive terminal of the differential analog input pair AIN1(+)/AIN1(-).
8
AIN1(-)
Analog Input. AIN1(–) is the negative terminal of the differential analog input pair AIN1(+)/AIN1(-).
9
AIN2(+)
Analog Input. AIN2(+) is the positive terminal of the differential analog input pair AIN2(+)/AIN2(-).
10
AIN2(-)
Analog Input. AIN2(–) is the negative terminal of the differential analog input pair AIN2(+)/AIN2(-).
11
AIN3(+)
Analog Input. AIN3(+) is the positive terminal of the differential analog input pair AIN3(+)/AIN3(-).
12
AIN3(-)
Analog Input. AIN3(–) is the negative terminal of the differential analog input pair AIN3(+)/AIN3(-).
13
REFIN1(+)
Positive Reference Input. An external reference can be applied between REFIN1(+) and REFIN1(-). REFIN1(+)
can lie anywhere between VDD and GND + 0.1 V. The nominal reference voltage (REFIN1(+) – REFIN1(–)) is 2.5
V, but the part functions with a reference from 0.1 V to AVDD.
14
REFIN1(-)
Negative Reference Input. This reference input can lie anywhere between GND and AVDD – 0.1 V.
15
AIN5(+)/IOUT2
Analog Input/Output of Internal Excitation Current Source.
AIN5(+) is the positive terminal of the differential analog input pair AIN5(+)/AIN5(-).
Alternatively, the internal excitation current source can be made available at this pin. The excitation current
source is programmable so that the current can be 10 uA, 200 uA or 1 mA. Either IEXC1 or IEXC2 can be
switched to this output
16
AIN5(-)/IOUT1
Analog Input/Output of Internal Excitation Current Source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com