Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 16 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD7794 Datasheet HTML 12Page - Analog Devices AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices AD7794 Datasheet HTML 18Page - Analog Devices AD7794 Datasheet HTML 19Page - Analog Devices AD7794 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
AD7794
Preliminary Technical Data
REV.PrE 6/04 | Page 16
STATUS REGISTER (RS2, RS1, RS0 = 0, 0, 0; POWER-ON/RESET = 0x88)
The status register is an 8-bit read-only register. To access the ADC status register, the user must write to the communications register,
select the next operation to be a read, and load bits RS2, RS1 and RS0 with 0. Table 7 outlines the bit designations for the status register.
SR0 through SR7 indicate the bit locations, SR denoting the bits are in the status register. SR7 denotes the first bit of the data stream. The
number in brackets indicates the power-on/reset default status of that bit.
SR7
SR6
SR5
SR4
SR3
SR2
SR1
SR0
RDY(1)
ERR(0)
NOREF(0)
0(0)
1(1)
CH2(0)
CH1(0)
CH0(0)
Table 7. Status Register Bit Designations
Bit Location
Bit Name
Description
SR7
RDY
Ready bit for ADC. Cleared when data is written to the ADC data register. The RDY bit is set automatically
after the ADC data register has been read or a period of time before the data register is updated with a
new conversion result to indicate to the user not to read the conversion data. It is also set when the part
is placed in power-down mode. The end of a conversion is indicated by the DOUT/RDY pin also. This pin
can be used as an alternative to the status register for monitoring the ADC for conversion data.
SR6
ERR
ADC Error Bit. This bit is written to at the same time as the RDY bit. Set to indicate that the result written
to the ADC data register has been clamped to all 0s or all 1s. Error sources include overrange,
underrange or the absence of a reference voltage. Cleared by a write operation to start a conversion.
SR5
NOREF
No External Reference Bit. Set to indicate that the selected reference (REFIN1 or REFIN2) is at a voltage
that is below a specified threshold. When set, conversion results are clamped to all ones.
Cleared to indicate that a valid reference is applied to the selected reference pins.
The NOXREF bit is enabled by setting the REF_DET bit in the Configuration register to 1. The ERR bit is
also set if the voltage applied to the selected reference input is invalid.
SR4
0
This bit is automatically cleared.
SR3
1
This bit is automatically set.
SR2–SR0
CH2–CH0
These bits indicate which channel is being converted by the ADC.
MODE REGISTER (RS2, RS1, RS0 = 0, 0, 1; POWER-ON/RESET = 0x000A)
The mode register is a 16-bit register from which data can be read or to which data can be written. This register is used to select the oper-
ating mode, the update rate and the clock source. Table 8 outlines the bit designations for the mode register. MR0 through MR15 indicate
the bit locations, MR denoting the bits are in the mode register. MR15 denotes the first bit of the data stream. The number in brackets
indicates the power-on/reset default status of that bit. Any write to the setup register resets the modulator and filter and sets the RDY bit.
MR15
MR14
MR13
MR12
MR11
MR10
MR9
MR8
MD2(0)
MD1(0)
MD0(0)
PSW(0)
0(0)
0(0)
0(0)
0(0)
MR7
MR6
MR5
MR4
MR3
MR2
MR1
MR0
CLK1(0)
CLK0(0)
0(0)
CHOP-DIS (0)
FS3(1)
FS2(0)
FS1(1)
FS0(0)
Table 8. Mode Register Bit Designations
Bit Location
Bit Name
Description
MR15–MR13
MD2–MD0
Mode Select Bits. These bits select the operational mode of the AD7794 (See
Table 9).
MR12
PSW
Power Switch Control Bit.
Set by user to close the power switch PSW to GND. The power switch can sink up to 20 mA.
Cleared by user to open the power switch.
When the ADC is placed in power-down mode, the power switch is opened.
MR11-MR8
0
These bits must be programmed with a Logic 0 for correct operation.
MR7-MR6
CLK1-CLK0
These bits are used to select the clock source for the AD7794. Either the on-chip 64 kHz clock can be
used or an external clock can be used. The ability to use an external clock is useful as it allows several
AD7794 devices to be synchronised. Also, 50 Hz/60 Hz rejection is improved when an accurate external
clock drives the AD7794.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com