Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices AD7794 Datasheet HTML 18Page - Analog Devices AD7794 Datasheet HTML 19Page - Analog Devices AD7794 Datasheet HTML 20Page - Analog Devices AD7794 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
Preliminary Technical Data
AD7794
REV.PrE 6/04 | Page 19
Table 11. Configuration Register Bit Designations
Bit
Location
Bit Name
Description
CON15–
CON14
0
Bias Voltage Generator Enable. The negative terminal of the analog inputs can b e biased up to VDD/2.
VBIAS1
VBIAS0
Bias Voltage
0
0
Bias Voltage Generator Disabled
0
1
Bias Voltage Generator connected to AIN1(-)
1
0
Bias Voltage Generator connected to AIN2(-)
1
1
Bias Voltage Generator connected to AIN3(-)
CON13
BO
This bit must be programmed with a Logic 0 for correct operation.
Burnout Current Enable Bit. When this bit is set to 1 by the user, the 100 nA current sources in the signal
path are enabled. When BO = 0, the burnout currents are disabled. The burnout currents can be enabled
only when the buffer or in-amp is active.
CON12
U/B
Unipolar/Bipolar Bit. Set by user to enable unipolar coding, i.e., zero differential input will result in
0x000000 output and a full-scale differential input will result in 0xFFFFFF output. Cleared by the user to
enable bipolar coding. Negative full-scale differential input will result in an output code of 0x000000,
zero differential input will result in an output code of 0x800000, and a positive full-scale differential
input will result in an output code of 0xFFFFFF.
CON11
0
This bit must be programmed with a Logic 0 for correct operation.
CON10-
CON8
G2-G0
Gain Select Bits.
Written by the user to select the ADC input range as follows
G2
G1
G0
Gain
ADC Input Range (2.5V Reference)
0
0
0
1 (In-Amp not used)
2.5 V
0
0
1
2 (In-Amp not used)
1.25 V
0
1
0
4
625 mV
0
1
1
8
312.5 mV
1
0
0
16
156.2 mV
1
0
1
32
78.125 mV
1
1
0
64
39.06 mV
1
1
1
128
19.53 mV
CON7-
CON6
REFSEL1/REFSEL0
Reference Select Bits. The reference source for the ADC is selected using these bits.
REFSEL1
REFSEL0
Reference Source
0
0
External Reference applied between REFIN1(+) and REFIN1(-)
0
1
External Reference applied between REFIN2(+) and REFIN2(-)
1
0
Internal 1.17 V Reference
1
1
Reserved
CON5
REF_DET
Enables the Reference Detect Function.
When set, the NOXREF bit in the status register indicates when the external reference being used by the
ADC is open circuit or less than 0.5 V.
When cleared, the reference detect function is disabled.
CON4
BUF
Configures the ADC for buffered or unbuffered mode of operation. If cleared, the ADC operates in
unbuffered mode, lowering the power consumption of the device. If set, the ADC operates in buffered
mode, allowing the user to place source impedances on the front end without contributing gain errors
to the system. For gains of 1 and 2, the buffer can be enabled or disabled. For higher gains, the buffer is
automatically enabled.
CON3-
CON0
CH3-CH0
Channel Select bits.
Written by the user to select the active analog input channel to the ADC.
CH3
CH2
CH1
CH0
Channel
Calibration Pair
0
0
0
0
AIN1(+) – AIN1(-)
0
0
0
0
1
AIN2(+) – AIN2(-)
1
0
0
1
0
AIN3(+) – AIN3(-)
2
0
0
1
1
AIN4(+) – AIN4(-)
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com