Electronic Components Datasheet Search
  English  ▼

X  

AD7794 Datasheet(PDF) 18 Page - Analog Devices

Part # AD7794
Description  Low Power, 24-Bit Sigma-Delta ADC with In-Amp and Embedded Reference (6 Channel)
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7794 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD7794 Datasheet HTML 13Page - Analog Devices AD7794 Datasheet HTML 14Page - Analog Devices AD7794 Datasheet HTML 15Page - Analog Devices AD7794 Datasheet HTML 16Page - Analog Devices AD7794 Datasheet HTML 17Page - Analog Devices AD7794 Datasheet HTML 18Page - Analog Devices AD7794 Datasheet HTML 19Page - Analog Devices AD7794 Datasheet HTML 20Page - Analog Devices AD7794 Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
AD7794
Preliminary Technical Data
REV.PrE 6/04 | Page 18
A fullscale calibration is required each time the gain of a channel is changed.
1
1
0
System Offset Calibration.
User should connect the system zero-scale input to the .channel input pins as selected by the CH2-CH0 bits.
A system offset calibration takes 2 conversion cycles to complete when chopping is enabled and one
conversion cycle when chopping is disabled. RDY goes high when the calibration is initiated and returns low
when the calibration is complete. The ADC is placed in idle mode following a calibration. The measured
offset coefficient is placed in the offset register of the selected channel.
1
1
1
System Full-Scale Calibration.
User should connect the system full-scale input to the .channel input pins as selected by the CH2-CH0 bits.
A calibration takes 2 conversion cycles to complete when chopping is enabled and one conversion cycle
when chopping is disabled.. RDY goes high when the calibration is initiated and returns low when the
calibration is complete. The ADC is placed in idle mode following a calibration. The measured fullscale
coefficient is placed in the fullscale register of the selected channel.
A fullscale calibration is required each time the gain of a channel is changed.
Table 10. Update Rates Available (Chopping Enabled)
FS3
FS2
FS1
FS0
fADC (Hz)
Tsettle
(ms)
Rejection@ 50 Hz / 60 Hz (Internal Clock)
0
0
0
0
x
x
0
0
0
1
500
5
0
0
1
0
250
8
0
0
1
1
125
16
0
1
0
0
62.5
32
0
1
0
1
50
40
0
1
1
0
41.6
48
0
1
1
1
33.3
60
1
0
0
0
19.6
101
90 dB (60 Hz only)
1
0
0
1
16.6
120
84 dB (50 Hz only)
1
0
1
0
16.6
120
70 dB (50 Hz and 60 Hz)
1
0
1
1
12.5
160
67 dB (50 Hz and 60 Hz)
1
1
0
0
10
200
69 dB (50 Hz and 60 Hz)
1
1
0
1
8.33
240
73 dB (50 Hz and 60 Hz)
1
1
1
0
6.25
320
74 dB (50 Hz and 60 Hz)
1
1
1
1
4.17
480
79 dB (50 Hz and 60 Hz)
With chopping disabled, the update rates remain unchanged but the settling time for each update rate is reduced by a factor of 2. The
rejection at 50 Hz/60 Hz for a 16.6 Hz update rate degrades to 60 dB.
CONFIGURATION REGISTER (RS2, RS1, RS0 = 0, 1, 0; POWER-ON/RESET = 0x0710)
The configuration register is a 16-bit register from which data can be read or to which data can be written. This register is used to configure
the ADC for unipolar or bipolar mode, enable or disable the buffer, enable or disable the burnout currents, select the gain and select the ana-
log input channel. Table 11 outlines the bit designations for the filter register. CON0 through CON15 indicate the bit locations, CON
denoting the bits are in the configuration register. CON15 denotes the first bit of the data stream. The number in brackets indicates the
power-on/reset default status of that bit.
CON15
CON14
CON13
CON12
CON11
CON10
CON9
CON8
VBIAS1(0)
VBIAS0(0)
BO(0)
U/B (0)
0(0)
G2(1)
G1(1)
G0(1)
CON7
CON6
CON5
CON4
CON3
CON2
CON1
CON0
REFSEL1(0)
REFSEL0(0)
REF_DET(0)
BUF(1)
CH3(0)
CH2(0)
CH1(0)
CH0(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com