Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 22 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 22 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 18Page - Power Integrations, Inc. LCS7260C Datasheet HTML 19Page - Power Integrations, Inc. LCS7260C Datasheet HTML 20Page - Power Integrations, Inc. LCS7260C Datasheet HTML 21Page - Power Integrations, Inc. LCS7260C Datasheet HTML 22Page - Power Integrations, Inc. LCS7260C Datasheet HTML 23Page - Power Integrations, Inc. LCS7260C Datasheet HTML 24Page - Power Integrations, Inc. LCS7260C Datasheet HTML 25Page - Power Integrations, Inc. LCS7260C Datasheet HTML 26Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Rev. D 11/22
22
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
T
JC = 0 °C to 100 °C
BP = BPH = 18 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Primary Low-Side Controller/Driver (cont.)
PP Pin Selection0
Resistor
R
PP(SEL0)
Required Resistor 1% E96 series
59
kW
PP Pin Selection1
Resistor
R
PP(SEL1)
Required Resistor 1% E96 series
158
kW
PP Pin Selection2
Resistor
R
PP(SEL2)
Required Resistor 1% E96 series
226
kW
PP Pin Selection3
Resistor
R
PP(SEL3)
Required Resistor 1% E96 series
316
kW
PP Pin Selection4
Resistor
R
PP(SEL4)
Required Resistor 1% E96 series
412
kW
PP Pin Selection5
Resistor
R
PP(SEL5)
Required Resistor 1% E96 series
536
kW
PP Pin Selection6
Resistor
R
PP(SEL6)
Required Resistor 1% E96 series
715
kW
PP Pin Selection7
Resistor
R
PP(SEL7)
Required Resistor 1% E96 series
1020
kW
HB MOSFET
HB-S Breakdown
Voltage Rating
V
HBS(BV)
600
V
HB-S Reverse
Voltage Rating
V
HBS(BV)
See Note A
-1.5
V
HB Start-Up PreCharge
Current to S Pin
I
HB(PRE)
2
mA
HB R
DS(ON)
R
DS(ON)
I
HB = 0.8 A, TJS = 25 ºC,
400 ms Single Pulse
LCS7260
1.49
W
I
HB = 1.6 A, TJS = 25 ºC,
400 ms Single Pulse
LCS7262
0.73
W
I
HB = 3.2 A, TJS = 25 ºC,
400 ms Single Pulse
LCS7265
0.41
W
Combined HB Q
OSS
(0 .. 480 VDC)
Q
HBOSS(480V)
V
GS = 0 V, VDS = 0 - 480 V,
See Note D
LCS7260
44
nC
LCS7262
87
nC
LCS7265
159
nC
HB Safety
Current Limit
I
HB(SFTY)
See Note C
LCS7260
2.7
A
LCS7262
5.4
A
LCS7265
10.1
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com