Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 3 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 3 Page - Power Integrations, Inc.

  LCS7260C Datasheet HTML 1Page - Power Integrations, Inc. LCS7260C Datasheet HTML 2Page - Power Integrations, Inc. LCS7260C Datasheet HTML 3Page - Power Integrations, Inc. LCS7260C Datasheet HTML 4Page - Power Integrations, Inc. LCS7260C Datasheet HTML 5Page - Power Integrations, Inc. LCS7260C Datasheet HTML 6Page - Power Integrations, Inc. LCS7260C Datasheet HTML 7Page - Power Integrations, Inc. LCS7260C Datasheet HTML 8Page - Power Integrations, Inc. LCS7260C Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 35 page
background image
Rev. D 11/22
3
HiperLCS-2
www.power.com
Pin Functional Description – Primary-Side Device
LCS726xC
Low-Side
PRIMARY GROUND (GD) (Pin 1)
Primary gate-drive ground. Should be capacitively decoupled to
primary supply pin (BPL).
BURST MODE (BM) (Pin 2)
Small signal output indicating deep burst mode operation. Can be
coupled to control external primary-side circuits.
PRIMARY GROUND (GP) (Pin 3)
Small signal primary ground. Should be capacitively decoupled to
primary 5 V (5VL) pin.
NO CONNECTION (NC) (Pin 4)
Pin not connected. Leave open.
BYPASS LOW-SIDE (BPL) (Pin 5)
Power supply pin for primary low-side device. Should be capacitively
decoupled to primary gate-drive ground (GD) pin.
PRIMARY LOW-SIDE 5 V (5VL) (Pin 6)
Primary low-side small signal 5 V IC-supply pin. Also provides bias
power to the Primary-side of the Isolation device (LSR2000). 5VL
should be capacitively decoupled to primary small signal ground (GP).
FLUXLINK INPUT (FL) (Pin 7)
Small signal input for FLUX LINK signal.
PROGRAM PRIMARY (PP) (Pin 8)
Small signal connection for customer configuration selection
components. Also used in some configurations as small signal
current input to receive power-good (remote on/off), signal to
command device activation. Likewise used in some configurations as
small signal current input for external fault. This pin also outputs
logic level error code during fault conditions.
NO CONNECT (NC) (Pin 9)
Pin not connected. Leave open.
PRIMARY GROUND (GP) (Pin 10)
Small signal primary ground. Should be capacitively decoupled to
primary 5 V (5VL) pin.
NO CONNECT (NC) (Pin 11)
Pin not connected. Leave open.
LINE SENSE (L) (Pin 12)
High-voltage small signal current input pin. Used to detect line-input
voltage. Also used in some configurations as small signal input to
receive power-good (remote on/off) signal to command device
activation.
S 24
1 GD
2 BM
3 GP
4 NC
HB 16-19
NC 13
5VH 14
BPH 15
5 BPL
6 5VL
7 FL
8 PP
9 NC
10 GP
11 NC
12 L
PI-8894-020321
HD
HB
High-Side
NO CONNECT (NC) (Pin 13)
Pin not connected. Leave open.
HIGH-SIDE 5 V (5VH) (Pin 14)
Primary high-side small signal 5 V IC-supply pin. Should be capacitively
decoupled to half-bridge (HB). NOTE: this pin floats on the half-
bridge switching voltage, can be at high-voltage with respect to
primary grounds.
BYPASS HIGH-SIDE (BPH) (Pin 15)
Power supply for primary high-side device. Should be capacitively
decoupled to half-bridge (HB) pin. NOTE: this pin floats on the
half-bridge switching voltage, can be at high-voltage with respect to
primary grounds.
HALF-BRIDGE (HB) (Pins 16-19 and Back Side HB Pad)
High-voltage and high current connection point for low-side MOSFET
DRAIN and high-side MOSFET SOURCE. The half-bridge node
typically switches between primary ground and primary input bus (HD).
SOURCE (S) (Pin 24)
High current Power ground return for half-bridge switch
current. Also, at same potential as other small-signal
primary grounds.
HD (Pin Back-Side Solder Pad)
High current, high-side MOSFET Drain and connection to system
high-voltage input bus.
Figure 6. HiperLCS2 Primary-Side LCS726XC, InSOP-24C (Bottom View.)
Figure 7. Primary-Side Packages.
InSOP-24C Top View, InSOP-24C Bottom View.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com