Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 11 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 11 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 7Page - Power Integrations, Inc. LCS7260C Datasheet HTML 8Page - Power Integrations, Inc. LCS7260C Datasheet HTML 9Page - Power Integrations, Inc. LCS7260C Datasheet HTML 10Page - Power Integrations, Inc. LCS7260C Datasheet HTML 11Page - Power Integrations, Inc. LCS7260C Datasheet HTML 12Page - Power Integrations, Inc. LCS7260C Datasheet HTML 13Page - Power Integrations, Inc. LCS7260C Datasheet HTML 14Page - Power Integrations, Inc. LCS7260C Datasheet HTML 15Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 35 page
background image
Rev. D 11/22
11
HiperLCS-2
www.power.com
The first reason for burst is to maintain system efficiency. In full
frequency mode the system efficiency naturally drops significantly
below 10% load. So, the first goal is to enter burst mode before 10%.
The regulation is achieved by switching less often but continuing to
deliver the equivalent of about 10% power per switched half-cycle.
The second goal once in burst is to maintain output regulation.
This is achieved using three modes of burst regulation.
The third goal once in burst is to maintain the switching frequency
envelope well below the audio resonant frequency of the LLC
transformer. The audio/mechanical resonance LLC-transformers is
typically in the 7-12 kHz range. Thus, in burst the HiperLCS-2 intends
to maintain switching frequency envelope below approximately 1 kHz.
Being well below the audio resonance of the transformer means that
there will be little or no noise from the transformer.
The fourth goal is to maintain ability to satisfy 0-100% load step
without losing regulation.
To help achieve the goals above, the HiperLCS-2 uses 3 modes of
operation when in burst.
On entering burst, the highest power burst mode is called
intermediate mode (IM-burst). In this mode the system is still in
closed loop analog control via the CMP pin. The IM-burst works by
forcing off-time at a 1.5 ms repeat period. The IM-mode off-time is
terminated once the output voltage decays to a minimum value
(V
OUTMIN). At this point switching begins again and the analog
control loop closes to reach regulation. Regulation is then maintained
until the off-to-off timer again reaches the 1.5 ms period. Then the
next IM-mode off-time begins.
The next level down in terms of output power, is the light-load
LL-mode burst. During this mode the CMP is no longer used.
Instead, an internal VCMP_BURST is used, where VCMP_BURST
corresponds to the equivalent of 10% load. The LL-mode burst
switching begins when output voltage reaches V
OUTMIN. The
switching continues, terminating when output voltage exceeds
V
OUTMAX. The device enters LL-off-time until the voltage again
reaches V
OUTMIN. During the LL-burst switching each half-cycle
delivers equal power (determined by internal VCMP_BURST) and
approximately equal to 10% load.
The lowest level of burst in terms of output power is super-light
SL-burst. During this mode the switching occurs after a maximum
off-time of 50 ms. The start SL-burst switching depends on the 50 ms
off-time only. If the output voltage drops as far as V
OUTMIN then the
device will move back to LL-burst. During SL-burst switch, the burst
switches until either it reaches V
OUTMAX or reaches 60 ms of total
switching time.
With the burst modes of the HiperLCS-2 the device is able to achieve
exceptional system no-load performance. Unlike other systems
though it can still accommodate a full 0-100% load step without
dropping out of regulation. The burst mode also intrinsically
manages audio noise. The output ripple during burst is also entirely
bounded by the V
OUTMIN and VOUTMAX of the system. The device
achieves 1% system regulation, internally the FB pin V
OUTMAX and
V
OUTMIN thresholds are fixed at ±0.65% of VOUTREG.
SR (Synchronous Rectifier) Control
The D1 and D2 pins monitor the drain voltage of the SR MOSFET’s.
When D1 and D2 go below ground this indicates the potential start of
SR conduction. Pins D1 and D2 require a small series resistor to
prevent excessive substrate current when below ground voltage.
Under certain conditions, there may be ringing on D1 and D2, and the
ring may temporarily go below ground only to rise back above
ground. The HiperLCS-2 therefore employs a learning engine to
ignore the ringing. Therefore, when the ring-filtered value of D1
(or D2) goes below a turn-on threshold, the associated SR MOSFET is
then activated. Once activated the D1 (or D2) signals then monitor
the on-state Drain-Source voltage across the SR MOSFET. This gives
an indication of conduction current. For an LLC-converter in
discontinuous conduction mode (DCM), the rectified output current
(i.e., power delivered to the secondary), will reach zero before the
end of the half-cycle. In discontinuous mode (DCM) LLC operation,
the detected D1 (or D2) will terminate the SR-conduction when
current approaches zero. The secondary controller turns off the
SR MOSFET before reverse conduction. For an LLC-converter
operating in continuous conduction mode (CCM), the current will not
reach zero prior to the end of the half-cycle. Therefore, to prevent
reverse SR MOSFET current, the HiperLCS-2 will terminate SR-
conduction prior to half-bridge switching. This can be done because
the half-bridge switching signal is originated at the secondary
controller. Thus, the secondary control can turn off the SR MOSFET
at exactly the latest possible moment to guarantee no shoot-thru in
CCM mode. This is something that allows the HiperLCS-2 to safely
operate in CCM-mode with maximum SR conduction. Note: that in
CCM mode, the primary and secondary rms currents are reduced vs.
DCM mode. Therefore, being able to operate in safely in CCM mode
generally results in higher system efficiency.
SR Driver Voltage Clamp
The G1 and G2 pins respectively drive the SR MOSFET’s for each
phase of the LLC secondary. The BPS pin voltage supplies drive
current to the G1 and G2 gate-drive outputs. However, the BPS pin
is able to accommodate a voltage range of up to 24 V. This would
exceed the maximum gate withstand for most SR MOSFETs. Also,
most SR MOSFET’s are fully enhanced at voltages well below that.
In order to limit the SR-MOSFET gate-charge/discharge energy, the
HiperLCS-2 provides an internal voltage clamp to limit the maximum
voltage output on the G1 and G2 SR-drive pins. The gate-drive
voltage is internally controlled to a maximum of either 11.5 V or 6.5 V.
The maximum voltage depends on the selected frequency range of
the device. Frequency ranges 0,1 (90, 120 kHz), receive 11.5 V
whereas higher frequency ranges 2,3 (180, 240 kHz) receive 6.5 V
drive limits. Limiting the SR MOSFET drive voltage limits the
gate-charge/discharge losses. Typically, higher frequency SR MOSFET’s
are structurally optimized to have lower V
GS turn-on thresholds and
thus fully enhanced at lower voltages.
Layout Connections and Recommended Values
During PC-board layout, it is important to understand the current
return pin for each signal, so that correct routing paths can be
implemented. The following table shows that information along with
generic recommended external component values. Obviously for all
designs component values may change or be optimized to suit
specific conditions, however the recommended values are given as a
good starting point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com