Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 29 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 29 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 25Page - Power Integrations, Inc. LCS7260C Datasheet HTML 26Page - Power Integrations, Inc. LCS7260C Datasheet HTML 27Page - Power Integrations, Inc. LCS7260C Datasheet HTML 28Page - Power Integrations, Inc. LCS7260C Datasheet HTML 29Page - Power Integrations, Inc. LCS7260C Datasheet HTML 30Page - Power Integrations, Inc. LCS7260C Datasheet HTML 31Page - Power Integrations, Inc. LCS7260C Datasheet HTML 32Page - Power Integrations, Inc. LCS7260C Datasheet HTML 33Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Rev. D 11/22
29
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
BPS = 12 V
T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Secondary-Side of Safety Isolation Barrier (cont.)
D1 and D2 Pin
D1, D2 Breakdown
Voltage
BV
D1D2
150
V
D1, D2 External Resistor
R
D1D2(EXT)
Recommended external R between SR FET
Drain and D1, D2 pin
200
1500
W
D1, D2 Inverse Current
I
D1D2(INV)
Allowed current out of D1, D2 when below GND
-5
mA
D1, D2 SR On Threshold
V
D1D2ON(TH)
See Note E
-275
-250
-210
mV
D1, D2 SR Off Threshold
V
D1D2OFF(TH)
See Note E
3
8.5
12.5
mV
D1, D2 SR Off Threshold
Matching
∆
V
D1D2OFF
-2.6
0
2.6
mV
D1, D2 Ouput Bias
Current ‒ Off
I
D1D2OFF
Bias Current Out of D1, D2 at V
D1D2OFF(TH)
-17
-13
-9
m
A
Secondary Control Over-Temperature
Secondary Control
Over-Temperature Stop
SC
(OT)(STOP)
See Note A
123
130
137
°C
Secondary Control
Over-Temperature Start
SC
(OT)(START)
See Note A
75
°C
Primary-Side of Safety Isolation Barrier
5VL Pin
5VL Power-Up
Threshold
V
5VL(UV+)
C5VL = 1 mF / 10 V Ceramic
3
3.5
4
V
5VL Power-Up
Hysteresis
V
5VL(HYST)
C5VL = 1 mF / 10 V Ceramic
1.5
V
FL Pin
FL - Logic 1 Output
Voltage
V
FL(1)
I
FL = 10 mA, 5VL = 5 V
4.55
4.7
4.929
V
FL - Logic 0 Output
Voltage
V
FL(0)
I
FL = +10 mA
0.17
0.25
0.42
V
NOTES:
A. Not tested parameter. Guaranteed by design.
B. In typical LLC application circuit.
C. Normally limited by internal circuitry.
D. Not tested parameter. Based on device characterization.
E. Production test limits. Observed operational threshold for SR MOSFET drain (D1, D2), also depends on chosen
D1, D2 resistors R
D1D2(EXT) values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com