Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 16 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 16 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 12Page - Power Integrations, Inc. LCS7260C Datasheet HTML 13Page - Power Integrations, Inc. LCS7260C Datasheet HTML 14Page - Power Integrations, Inc. LCS7260C Datasheet HTML 15Page - Power Integrations, Inc. LCS7260C Datasheet HTML 16Page - Power Integrations, Inc. LCS7260C Datasheet HTML 17Page - Power Integrations, Inc. LCS7260C Datasheet HTML 18Page - Power Integrations, Inc. LCS7260C Datasheet HTML 19Page - Power Integrations, Inc. LCS7260C Datasheet HTML 20Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 35 page
background image
Rev. D 11/22
16
HiperLCS-2
www.power.com
FL
VBULK+
280 – 400
VDC
BM OUT
PG IN
OVP
GP
OVP
5VL
RTN
SG
IS
GSB
SBIAS
D1A
+24 V
D2A
GSB
HSD
PCD
HiperLCS2-HB
U1
LCS726x
1
12
FL1
FL2
FL3-FL4
T2
ETD34
5
11
6
10
2
9
PP
BM
5VL
BPL
GP3
GP10
FLI
L
GD
S
HD
PI-9291-021522
BPH
5VH
CONTROL
HB
R23
2.2 Ω
1%
R22
10 Ω
1%
R24
1.6 MΩ
1%
R26
1.6 MΩ
1%
R1
18.2 kΩ
1%
R32
47 kΩ
R30
10 Ω
R31
750 Ω
R33
158 kΩ
1%
Q3
MMBTA06LT1
R34
10 kΩ
R25
1.6 MΩ
1%
C19
220 nF
25 V
C17
1 µF
50 V
C6
10 µF
35 V
D4
MURS160T3G
D6
B180B-13-F
D5
ES1A-13F
VR1
MMSZ5256B-7-F
C24
1 µF
16 V
C22
1 µF
50 V
C20
68 nF
630 V
C21
47 µF
25 V
C41
2.2 nF
250 VAC
C27
22 µF
35 V
C25
18 nF
600 V
Plastic
Film
PI-9292-021022
GND
C35
100 pF
50 V
C33
10 µF
35V
IS
GSB
Q4
AON6242
Q5
AON6242
R44
150 kΩ
1%
R48
274 kΩ
1%
R49
715 kΩ
1%
R39
4.7 Ω
R40
499 Ω
1%
R42
10 kΩ
1%
R43
4.7 Ω
R45
499 Ω
1%
C38
100 nF
50 V
R38
10 kΩ
R50
75 kΩ
1%
R30
200 Ω
R37
24.3 kΩ
1%
R36
133 kΩ
1%
VR1
MMSZ5245B-7-F
D7
B180B-13-F
C36
2.2 nF
50 V
C37
470 pF
200 V
C9
10 µF
10 V
C32
10 µF
50 V
C30
10 µF
50 V
C27
330 µF
35 V
C28
330 µF
35 V
C31
330 µF
35 V
C29
100 nF
50 V
C34
100 µF
25 V
+24 V
SBIAS
HiperLCS2-SR
U3
LSR2000
PS
GSB
5VS
SEC Controller
5VL
5VL
D1A
FL1
D2A
FL2
+24 V
FL3
FL4
FL
GP
FL
GP
FLIN
FLOUT
Figure 10. HiperLCS-2 Primary-Side 220 W, 24 V LCS726xC.
Figure 11. HiperLCS-2 Isolation and Secondary-Side 220 W, 24 V LSR2000C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com