Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 28 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 28 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 24Page - Power Integrations, Inc. LCS7260C Datasheet HTML 25Page - Power Integrations, Inc. LCS7260C Datasheet HTML 26Page - Power Integrations, Inc. LCS7260C Datasheet HTML 27Page - Power Integrations, Inc. LCS7260C Datasheet HTML 28Page - Power Integrations, Inc. LCS7260C Datasheet HTML 29Page - Power Integrations, Inc. LCS7260C Datasheet HTML 30Page - Power Integrations, Inc. LCS7260C Datasheet HTML 31Page - Power Integrations, Inc. LCS7260C Datasheet HTML 32Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Rev. D 11/22
28
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
BPS = 12 V
T
J = 0 °C to 100 °C
(Unless Otherwise Specified)
Min
Typ
Max
Units
Secondary-Side of Safety Isolation Barrier (cont.)
PS Pin
PS Pin Remote-OFF
Threshold
I
PS(REM-)
-26
-22
-17
m
A
PS Pin Remote-ON
Threshold
I
PS(REM+)
-47
-40
-33
m
A
PS Pin Remote ON-OFF
Hysteresis
I
PS(REM)(HYST)
18
m
A
PS Pin Remote-OFF
Voltage
V
PS(REM-)
See Note A
0.85
V
PS Pin Remote-ON
Voltage
V
PS(REM+)
See Note A
0.85
V
PS Pin Selection0
Resistor
R
PS(SEL0)
Required Resistor 1% E96 Series
75
kW
PS Pin Selection1
Resistor
R
PS(SEL1)
Required Resistor 1% E96 Series
75
kW
PS Pin Selection2
Resistor
R
PS(SEL2)
Required Resistor 1% E96 Series
75
kW
PS Pin Selection3
Resistor
R
PS(SEL3)
Required Resistor 1% E96 Series
169
kW
PS Pin Selection4
Resistor
R
PS(SEL4)
Required Resistor 1% E96 Series
169
kW
PS Pin Selection5
Resistor
R
PS(SEL5)
Required Resistor 1% E96 Series
255
kW
PS Pin Selection6
Resistor
R
PS(SEL6)
Required Resistor 1% E96 Series
340
kW
PS Pin Selection7
Resistor
R
PS(SEL7)
Required Resistor 1% E96 Series
499
kW
G1 and G2 Pins
G1, G2 Clamp Voltage
(Freq 0,1)
V
G1(CLMP)
V
G2(CLMP)
BPS = 15 V
LSR2000C
H001,H002
10.3
11.7
13.5
V
G1, G2 Clamp Voltage
(Freq 2,3)
V
G1(CLMP)
V
G2(CLMP)
BPS = 15 V
LSR2000C
H003,H004
5.0
6.0
7.0
V
G1, G2 BP Voltage Drop
V
G1(CLMP)(DROP)
V
G2(CLMP)(DROP)
BPS = 15 V
See Note A
0.65
1.1
1.5
V
G1, G2 Source Current
I
G1(SOURCE)
I
G2(SOURCE)
BPS = 15 V, VG1 = VG2 = 0 V
0.65
1.1
1.5
A
G1, G2 Sink Current
I
G1(SINK)
I
G2(SINK)
BPS = 15 V, VG1 = VG2 = VG1(CLMP)
1.6
2
2.2
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com