Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 19 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 19 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 15Page - Power Integrations, Inc. LCS7260C Datasheet HTML 16Page - Power Integrations, Inc. LCS7260C Datasheet HTML 17Page - Power Integrations, Inc. LCS7260C Datasheet HTML 18Page - Power Integrations, Inc. LCS7260C Datasheet HTML 19Page - Power Integrations, Inc. LCS7260C Datasheet HTML 20Page - Power Integrations, Inc. LCS7260C Datasheet HTML 21Page - Power Integrations, Inc. LCS7260C Datasheet HTML 22Page - Power Integrations, Inc. LCS7260C Datasheet HTML 23Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Rev. D 11/22
19
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
T
JC = 0 °C to 100 °C
BP = BPH = 18 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Primary High-Side Controller/Driver
BPH Pin
BPH-HB Undervoltage
Start Threshold
V
BPH(UV+)
12.4
13.2
14
V
BPH-HB Undervoltage
Stop Threshold
V
BPH(UV-)
10.15
10.8
11.3
V
BPH-HB Start/Stop
Hysteresis
V
BPH(UV)(HYST)
2.4
V
BPH (HD) Charge Output
Current
I
BPH(CH)
-1.3
mA
BPH-HB UV to Shunt
Spacing
V
BPH(SHGAP)
See Note D
9
V
BPH-HB Shunt Onset
Voltage
V
BPH(SHON)
I
BPHSH = 250 mA
23.00
24.48
25.85
V
BPH-HB Shunt Max
Voltage
V
BPH(SHMX)
I
BPHSH = 26 mA
23.50
24.55
26.50
V
BPH Shunt Current
I
BPH(SH)
0
26
mA
BPH Pin Current
Consumption Switching
I
BPH(SW)
F
SW = 208 kHz
LCS7260C
1.4
1.7
2.0
mA
LCS7262C
1.9
2.2
2.5
mA
LCS7265C
3.0
3.3
3.6
mA
BPH Pin Current Non-
Switching Consumption
I
BPH(NSW)
No switching V
BPH > VBPH(UV+)
90
115
150
m
A
5VH Pin
5VH-HB Power-Up
Threshold
V
5VH(UV+)
See Note A
4.85
4.9
4.99
V
5VH-HB Power-Up
Threshold
V
5VH(UV-)
See Note A
4.45
4.55
4.7
V
5VH-HB Power-Up
Hysteresis
V
5VH(UV)(HYST)
See Note A
0.3
0.35
0.4
V
5VH-HB Output Voltage
V
5VH
I
5VH = 0 mA
5.17
V
Primary Low-Side Controller/Driver
BPL Pin
BPL Undervoltage Start
Threshold
V
BPL(UV+)
13
13.7
14.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com