Electronic Components Datasheet Search
  English  ▼

X  

LCS7260C Datasheet(PDF) 23 Page - Power Integrations, Inc.

Part # LCS7260C
Description  Off-Line LLC Switcher ICs with Integrated 600 V FREDFETs Synchronous Rectification and FluxLink Feedback
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LCS7260C Datasheet(HTML) 23 Page - Power Integrations, Inc.

Back Button LCS7260C Datasheet HTML 19Page - Power Integrations, Inc. LCS7260C Datasheet HTML 20Page - Power Integrations, Inc. LCS7260C Datasheet HTML 21Page - Power Integrations, Inc. LCS7260C Datasheet HTML 22Page - Power Integrations, Inc. LCS7260C Datasheet HTML 23Page - Power Integrations, Inc. LCS7260C Datasheet HTML 24Page - Power Integrations, Inc. LCS7260C Datasheet HTML 25Page - Power Integrations, Inc. LCS7260C Datasheet HTML 26Page - Power Integrations, Inc. LCS7260C Datasheet HTML 27Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
Rev. D 11/22
23
HiperLCS-2
www.power.com
Parameter
Symbol
Conditions
T
JC = 0 °C to 100 °C
BP = BPH = 18 V
(Unless Otherwise Specified)
Min
Typ
Max
Units
Primary Low-Side Controller/Driver (cont.)
HB MOSFET
HB Start-Up
Current Limit
I
HB(IOVL)
See Note C
LCS7260
1.9
A
LCS7262
3.7
A
LCS7265
7.0
A
HB Start-Up
Reduced Current
Limit
I
HB(IOVL-)
See Note C, D
LCS7260
0.66
A
LCS7262
1.29
A
LCS7265
2.43
A
HB Diode
HB Diode
Forward Voltage
V
HB(F)
I
F = 1.0 A, VGS = 0 V,
T
J = 100 °C
See Note D
LCS7260
1.13
V
LCS7262
0.9
V
LCS7265
0.8
V
HB Diode Reverse
Recovery Current
I
HB(RRM)
I
F = IHB(RRM) A, di/dt = 200 A/ms,
V
R = 400 V, TJ = 125 °C
LCS7260
4.0
A
I
F = IHB(RRM) A, di/dt = 200 A/ms,
V
R = 400 V, TJ = 125 °C
See Note D
LCS7262
5.6
A
LCS7265
8
A
HB Diode Reverse
Recovery Time
T
HB(RR)
I
F = IHB(RRM) A, di/dt = 200 A/ms,
V
R = 400 V, TJ = 125 °C
See Note D
LCS7260
110
ns
LCS7262
170
ns
LCS7265
200
ns
HB Diode Reverse
Recovery Charge
Q
HB(RR)
I
F = IHB(RRM) A, di/dt = 200 A/ms,
V
R = 400 V, TJ = 125 °C
See Note D
LCS7260
220
nC
LCS7262
480
nC
LCS7265
840
nC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com