Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 14Page - Microchip Technology MCP96L01 Datasheet HTML 15Page - Microchip Technology MCP96L01 Datasheet HTML 16Page - Microchip Technology MCP96L01 Datasheet HTML 17Page - Microchip Technology MCP96L01 Datasheet HTML 18Page - Microchip Technology MCP96L01 Datasheet HTML 19Page - Microchip Technology MCP96L01 Datasheet HTML 20Page - Microchip Technology MCP96L01 Datasheet HTML 21Page - Microchip Technology MCP96L01 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 18
MCP960X/L0X/RL0X
3.5
I2C Address Pin (ADDR)
This pin is used to set the I2C address. This pin can be
tied to VDD, GND, or a ratio of VDD can be selected to
set up to eight address levels using a resistive voltage
divider network.
3.6
Serial Clock Line (SCL)
The SCL is a clock input pin. All communication and
timing is relative to the signal on this pin. The clock is
generated by the host controller on the bus (see
Section 4.0 “Serial Communication”).
3.7
Serial Data Line (SDA)
SDA is a bidirectional input/output pin used to serially
transmit data to/from the host controller. This pin
requires a pull-up resistor (see Section 4.0 “Serial
Communication”).
3.8
Thermocouple Open/Short
Detection Input (VSENSE)
The VSENSE pin is a thermocouple detection input pin
(MCP9601/L01/RL01) and the voltage level on this pin
is used to determine whether the thermocouple is oper-
ating normally, shorted to VDD/VSS, or it is discon-
nected from the VIN+ and VIN- pins (see Figure 1-1).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com