Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 17 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 17 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 13Page - Microchip Technology MCP96L01 Datasheet HTML 14Page - Microchip Technology MCP96L01 Datasheet HTML 15Page - Microchip Technology MCP96L01 Datasheet HTML 16Page - Microchip Technology MCP96L01 Datasheet HTML 17Page - Microchip Technology MCP96L01 Datasheet HTML 18Page - Microchip Technology MCP96L01 Datasheet HTML 19Page - Microchip Technology MCP96L01 Datasheet HTML 20Page - Microchip Technology MCP96L01 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 17
MCP960X/L0X/RL0X
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
3.1
Ground Pin (GND)
The GND pin is the system ground pin. Pins 1, 3, 5, 13
and 17 are system ground pins and they are at the
same potential. However, pins 6, 7, 9, 10 and 18 must
be connected to ground for normal operation.
3.2
Thermocouple Input (VIN+, VIN-)
The thermocouple wires are directly connected to
these inputs. The positive node is connected to the
VIN+ pin, while the negative node connects to the VIN-
node. The thermocouple voltage is converted to degree
Celsius.
3.3
Power Pin (VDD)
VDD is the power pin. The operating voltage range, as
specified in the DC Characteristics table, is applied on
this pin.
3.4
Push-Pull Alert Outputs
(Alert 1, 2, 3, 4 and OC/SC Alert)
The Alert pins are user-programmable push-pull outputs
which can be used to detect rising or falling
temperatures. The device outputs signal when the
ambient temperature exceeds the user-programmed
temperature alert limit.
The Open-Circuit (OC) Alert and the Short-Circuit (SC)
Alert output are also active-high push-pull outputs
(MCP9601/L01/RL01). These outputs are asserted
when Open-Circuit and Short-Circuit conditions are
detected on the VSENSE pin.
TABLE 3-1:
PIN FUNCTION TABLE
MCP9600/L00/RL00 MCP9601/L01/RL01
Symbol
Pin Function
1, 3, 5,13, 17
1, 3, 5, 13, 17
GND
Electrical Ground
22
VIN+
Thermocouple Positive Terminal Input
44
VIN-
Thermocouple Negative Terminal Input
6, 7, 9, 10, 18
10, 18
GND
Not Electrical Ground; must be tied to Ground
—6
VSENSE Thermocouple Open and Short-Circuit detection input
—
7
SC Alert Thermocouple Short-Circuit Alert Output
88
VDD
Power
—
9
OC Alert Thermocouple Open-Circuit Alert Output
11
11
Alert 1
Alert Output 1
12
12
Alert 2
Alert Output 2
14
14
Alert 3
Alert Output 3
15
15
Alert 4
Alert Output 4
16
16
ADDR
I2C Device Address Selection Voltage Input
19
19
SCL
I2C Clock Input
20
20
SDA
I2C Data Input
21
21
EP
Exposed Thermal Pad (EP); must be connected to GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com