Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 42 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 42 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 38Page - Microchip Technology MCP96L01 Datasheet HTML 39Page - Microchip Technology MCP96L01 Datasheet HTML 40Page - Microchip Technology MCP96L01 Datasheet HTML 41Page - Microchip Technology MCP96L01 Datasheet HTML 42Page - Microchip Technology MCP96L01 Datasheet HTML 43Page - Microchip Technology MCP96L01 Datasheet HTML 44Page - Microchip Technology MCP96L01 Datasheet HTML 45Page - Microchip Technology MCP96L01 Datasheet HTML 46Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 42
MCP960X/L0X/RL0X
6.0
APPLICATION INFORMATION
6.1
Layout Considerations
The MCP960X/L0X/RL0X does not require any
additional components to digitize thermocouples.
However, it is recommended that a decoupling
capacitor of 0.1 µF to 1 µF be used between the VDD
and GND pins. A high-frequency ceramic capacitor is
recommended. It is necessary for the capacitor to be
located as close as possible to the VDD and ground
pins of the device in order to provide effective noise
protection.
In addition, good PCB layout is key for better thermal
conduction from the PCB temperature to the sensor
die. The PCB provides thermal conduction from the die
to the thermocouple cold-junction; therefore, the
component placement positioning and the copper
layout techniques are key for optimum cold-junction
compensation. The recommended implementation for
optimum temperature sensitivity is to extend a copper
ground pad around the device pins, as shown in
Figure 6-1.
FIGURE 6-1:
Recommended PCB Layout.
6.1.1
COLD-JUNCTION COMPENSATION
Copper provides better thermal conductivity than PCB
FR4 to the ambient temperature. It also provides better
thermal conduction than the 5 mm x 5 mm MQFN plastic
package, which houses the temperature sensor die.
Therefore, when connecting the thermocouple wire to
the PCB, it is recommended to place the ground copper
between the thermocouple connector footprint, where
dissimilar conductive material is attached to the PCB
and the MCP960X/L0X/RL0X exposed pad. This allows
temperature to stabilize to the local ambient temperature
(between the thermocouple connector junction and the
PCB copper) and the copper trace conducts the
temperature to the package exposed pad where the
temperature sensor die is placed. The placement of the
sensor exposed pad to the thermocouple connector
junction greatly determines the temperature sensor’s
sensitivity to the local junction temperature changes.
Figure 6-2 demonstrates the recommended techniques.
FIGURE 6-2:
Recommended Component
Placement.
6.2
Thermal Considerations
The potential for self-heating errors exist if the
MCP960X/L0X/RL0X SDA, SCL and alert outputs are
heavily loaded (high current) with pull-up resistors and
circuits, such as high-current LEDs or buzzer loads.
The temperature rise due to self-heat increases the
ambient temperature sensor output, resulting in an
increased temperature offset error compared to the
thermocouple cold-junction ambient temperature.
6.2.1
SELF-HEAT DURING OPERATION
During normal operation, the typical self-heating error
is negligible due to the relatively small current
consumption of the MCP960X/L0X/RL0X. However,
this device integrates a processor to compute the
equations necessary to convert the thermocouple EMF
voltage to degrees Celsius. The processor also
maintains the I2C bus. During I2C communication, the
device operating current increases to IDD = 1.5 mA
(typical), I2C Active specification. If the bus is
continually polled for data at frequent intervals, then the
processor power dissipates heat to the temperature
sensor and the effect of self-heat can be detected.
Therefore, the recommended implementation is to
maintain polling to no more than three times per
temperature conversion period of 320 ms or use the
Burst mode feature to manage self-heat (refer to
Section 6.2.3 “Using Burst Mode to Manage
Self-Heat”). Equation 6-1 can also be used to
determine the effect of self-heat.
Thermal Pad
VIN+/VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com