Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 1 Page - Microchip Technology

  MCP96L01 Datasheet HTML 1Page - Microchip Technology MCP96L01 Datasheet HTML 2Page - Microchip Technology MCP96L01 Datasheet HTML 3Page - Microchip Technology MCP96L01 Datasheet HTML 4Page - Microchip Technology MCP96L01 Datasheet HTML 5Page - Microchip Technology MCP96L01 Datasheet HTML 6Page - Microchip Technology MCP96L01 Datasheet HTML 7Page - Microchip Technology MCP96L01 Datasheet HTML 8Page - Microchip Technology MCP96L01 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 1
MCP960X/L0X/RL0X
Features
• Thermocouple Electromotive Force (EMF) to °C
Converter:
- Integrated cold-junction compensation
- Integrated thermocouple open-circuit and
short-circuit detection (MCP9601/L01/RL01)
• Supported Types (designated by NIST ITS-90):
- Type K, J, T, N, S, E, B and R
• Sensor Accuracy for Thermocouple Hot-Junction:
- MCP9600/01 ±0.5°C/±1.5°C (typ./max.)
- MCP96L00/L01 ±2.0°C/±4.0°C (typ./max.)
- MCP96RL00/RL01 ±4.0°C/±8.0°C (typ./max.)
• Measurement Resolution:
- Hot and cold-junctions: +0.0625°C (typical)
• Four Programmable Temperature Alert Outputs:
- Monitor hot or cold-junction temperatures
- Detect rising or falling temperatures
- Up to 255°C of programmable hysteresis
• Programmable Digital Filter for Temperature
•Low Power:
- Shutdown mode
- Burst mode: 1 to 128 temperature samples
• Two-Wire Interface: I2C Compatible, 100 kHz:
- Supports eight devices per I2C Bus
• Operating Voltage Range: 2.7V to 5.5V
• Operating Current: 300 µA (typical)
• Shutdown Current: 2 µA (typical)
• Package: 20-Lead MQFN
Typical Applications
• Petrochemical Thermal Management
• Hand-Held Measurement Equipment
• Industrial Equipment Thermal Management
• Commercial and Industrial Ovens
• Industrial Engine Thermal Monitor
• Temperature Detection Racks
Description
The Microchip Technology Inc. MCP960X/L0X/RL0X
converts thermocouple EMF to degree Celsius with
integrated
cold-junction
compensation.
The
temperature correction coefficients are derived from
the National Institute of Standards and Technology
(NIST)
ITS-90
Thermocouple
Database.
The
MCP9600/01 corrects the thermocouple nonlinear
error characteristics of eight thermocouple types and
outputs ±0.5°C/±1.5°C (Typ./Max.).
The
MCP960X/L0X/RL0X
digital
Thermocouple
temperature converter comes with user-programmable
registers which provide design flexibility for various
temperature sensing applications. The registers allow
user-selectable settings, such as Low-Power modes
for battery powered applications, adjustable digital filter
for fast transient temperatures and four individually
programmable temperature alert outputs which can be
used to detect multiple temperature zones.
In addition, the MCP9601/L01/RL01 family provides
integrated thermocouple open-circuit and short-circuit
detection features. An alert signal is asserted when the
thermocouple wire is broken or disconnected. Similarly,
alert signal is asserted when the thermocouple is
shorted to ground or power.
The
temperature
alert
limits
have
multiple
user-programmable configurations, such as alert
polarity as either an active-low or active-high push-pull
output, and output function as a Comparator mode
(useful for thermostat-type operation) or Interrupt mode
for microprocessor-based systems. In addition, the
alerts can detect either a rising or a falling temperature
with up to +255°C hysteresis.
This sensor uses an industry standard two-wire, I2C
compatible serial interface and supports up to eight
devices per bus by setting the device address using the
ADDR pin.
MCP9600/L00/RL00
VDD
MCU
I2C
Alert
4
GND
Types K, J, T,
N, E, B, S, R
VIN+
VIN-
TC+
TC-
ADDR
Thermocouple EMF to Temperature Converter,
±1.5°C Maximum Accuracy


Similar Part No. - MCP96L01

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP9600 MICROCHIP-MCP9600 Datasheet
4Mb / 50P
Four Programmable Temperature Alert Outputs
07/14/15
More results

Similar Description - MCP96L01

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
EDS9-1J FUJI-EDS9-1J Datasheet
221Kb / 4P
FC SERIES EMF CONVERTER
logo
Microchip Technology
MCP9808 MICROCHIP-MCP9808 Datasheet
1Mb / 52P
짹0.5째C Maximum Accuracy Digital Temperature Sensor
2011
logo
Maxim Integrated Produc...
MAX6675ISA MAXIM-MAX6675ISA Datasheet
411Kb / 8P
Cold-Junction-Compensated K-Thermocouple to-digital converter (0°C to 1024°C)
Rev 1; 3/02
logo
Microchip Technology
MCP9808-E-MS MICROCHIP-MCP9808-E-MS Datasheet
1Mb / 52P
0.5째C Maximum Accuracy Digital Temperature Sensor
08/02/11
logo
National Instruments Co...
NI9214 NI-NI9214 Datasheet
301Kb / 11P
High-Accuracy Thermocouple Module
logo
Maxim Integrated Produc...
MAX31856 MAXIM-MAX31856 Datasheet
681Kb / 30P
Precision Thermocouple to Digital Converter
Rev 0; 2/15
logo
Pepperl+Fuchs Inc.
FB5205B PF-FB5205B Datasheet
597Kb / 3P
Thermocouple Converter
FB5205B3 PF-FB5205B3 Datasheet
843Kb / 4P
Thermocouple Converter
LB5002A PF-LB5002A Datasheet
569Kb / 3P
Thermocouple Converter
2021-12-01
LB5005A PF-LB5005A Datasheet
657Kb / 3P
Thermocouple Converter
2021-12-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com