Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 29 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 29 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 25Page - Microchip Technology MCP96L01 Datasheet HTML 26Page - Microchip Technology MCP96L01 Datasheet HTML 27Page - Microchip Technology MCP96L01 Datasheet HTML 28Page - Microchip Technology MCP96L01 Datasheet HTML 29Page - Microchip Technology MCP96L01 Datasheet HTML 30Page - Microchip Technology MCP96L01 Datasheet HTML 31Page - Microchip Technology MCP96L01 Datasheet HTML 32Page - Microchip Technology MCP96L01 Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 29
MCP960X/L0X/RL0X
5.1
Thermocouple Temperature
Sensor Registers
This device integrates three Temperature registers that
are used to read the cold and hot-junction temperatures,
and the sum of the two junctions to output the absolute
thermocouple temperature. In addition, the Raw ADC
Data register, which is used to derive the thermocouple
temperature, is available. The following sections
describe each register in detail.
5.1.1
THERMOCOUPLE TEMPERATURE
REGISTER (TH)
This register contains the cold-junction compensated and
error-corrected thermocouple temperature in degree
Celsius. The temperature data from this register is the
absolute Thermocouple Hot-Junction temperature, TH, to
the specified accuracy (see Section 1.0 “Electrical
Characteristics”. TH is the sum of the values in the TΔ
and TC registers, as shown in Figure 5-2.
EQUATION 5-1:
TEMPERATURE
CONVERSION
The temperature bits are in two’s complement format;
therefore, positive temperature data and negative
temperature
data
are
computed
differently.
Equation 5-1 shows how to convert the binary data to
temperature in degree Celsius.
FIGURE 5-2:
Thermocouple Temperature
Register Block Diagram.
Temperature
 0°C
TH = (UpperByte x 16 + LowerByte/16)
Temperature
 0°C
TH = (UpperByte x 16 + LowerByte/16) – 4096
VIN+
VIN-
Temperature
Sensor Core
ADC Core
Delta-Sigma
18-Bit
Error Corrected
Temperature
ADC
Thermocouple
Temperature
TC
TH
TΔ
REGISTER 5-2:
THERMOCOUPLE TEMPERATURE REGISTER - TH (READ-ONLY)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
8°C
4°C
2°C
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 15-0
TH: Data in Two’s Complement Format. Bit 15 is the sign bit and it is set when the temperature data is
less than 0°C.
This register contains the error corrected and cold-junction compensated thermocouple temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com