Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 34 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 34 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 30Page - Microchip Technology MCP96L01 Datasheet HTML 31Page - Microchip Technology MCP96L01 Datasheet HTML 32Page - Microchip Technology MCP96L01 Datasheet HTML 33Page - Microchip Technology MCP96L01 Datasheet HTML 34Page - Microchip Technology MCP96L01 Datasheet HTML 35Page - Microchip Technology MCP96L01 Datasheet HTML 36Page - Microchip Technology MCP96L01 Datasheet HTML 37Page - Microchip Technology MCP96L01 Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 34
MCP960X/L0X/RL0X
bit 4
Input Range: Temperature Range Detection bit (read-only)
1 = The ADC input Voltage (EMF) or the temperature data from the TH register exceeds the measure-
ment range for the selected thermocouple type
0 = The ADC input Voltage (EMF) or the temperature data from the TH register is within the measure-
ment range for the selected thermocouple type
If this bit is set, then the MCP9600/L00/RL00 input voltage (EMF) to Degree Celsius conversion may be bypassed
under these conditions:
- If the thermocouple EMF exceeds the specified range, then the TH and T registers are not
updated, but the TC register is updated with valid temperature data at the specified interval,
or tCONV.
- If the thermocouple EMF is within the specified range, but the sum with the Cold-Junction
EMF exceeds the specified range, then the TH register is not updated, but the T and TC
registers are updated with valid temperature data at the specified interval, or tCONV. In this
case, the value of the T and TC registers can be used to calculate valid Hot-Junction
Temperature data using the NIST ITS-90 conversion look-up table or polynomial equation.
- To identify date code for devices with this feature, refer to “MCP9600 Rev. A Silicon Errata
and Data Sheet Clarification”, DS80000741.
For the MCP9601/L01/RL01, this bit indicates whether the Thermocouple is disconnected from the
inputs. The VSENSE pin must be connected to the Thermocouple as indicated in Figure 1-1, using RA and
RB resistors. When the Thermocouple is disconnected, the voltage at the inputs exceeds the voltage
range for the selected Thermocouple due to the RA and RB resistors.
bit 3
Alert 4: Status bit (read-only)
1 =TX TALERT4
0 =TX ≤TALERT4
Where: TX is either TH or TC (user-selectable, see Register 5-10).
bit 2
Alert 3: Status bit (read-only)
1 =TX TALERT3
0 =TX ≤TALERT3
Where: TX is either TH or TC (user-selectable, see Register 5-10).
bit 1
Alert 2: Status bit (read-only)
1 =TX TALERT2
0 =TX ≤TALERT2
Where: TX is either TH or TC (user-selectable, see Register 5-10).
bit 0
Alert 1: Status bit (read-only)
1 =TX TALERT1
0 =TX ≤TALERT1
Where: TX is either TH or TC (user-selectable, see Register 5-10).
Note 1: MCP9601/L01/RL01 only.
REGISTER 5-6:
STATUS REGISTER (CONTINUED)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com