Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 32 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 32 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 28Page - Microchip Technology MCP96L01 Datasheet HTML 29Page - Microchip Technology MCP96L01 Datasheet HTML 30Page - Microchip Technology MCP96L01 Datasheet HTML 31Page - Microchip Technology MCP96L01 Datasheet HTML 32Page - Microchip Technology MCP96L01 Datasheet HTML 33Page - Microchip Technology MCP96L01 Datasheet HTML 34Page - Microchip Technology MCP96L01 Datasheet HTML 35Page - Microchip Technology MCP96L01 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 32
MCP960X/L0X/RL0X
5.1.4
ANALOG-TO-DIGITAL
CONVERTER (ADC)
The MCP960X/L0X/RL0X uses an 18-bit Delta-Sigma
Analog-to-Digital Converter to digitize the Thermocouple
EMF voltage and the data is available in the ADC register.
The ADC measurement resolution is selectable, which
enables the user to choose faster conversion times with
reduced resolution. This feature is useful to detect fast
transient temperatures.
FIGURE 5-5:
Delta-Sigma
Analog-to-Digital Converter, ADC Core Block
Diagram.
TABLE 5-3:
ADC RESOLUTION(32)
Resolution/
Sensitivity
(typical)
Conversion
Time
(typical)
Raw ADC Register
Bit Format
(Note 1)
18-bit/2 µV
320 ms
ssss sssx xxxx xxxx
xxxx xxxx
16-bit/8 µV
80 ms
ssss sssx xxxx xxxx
xxxx xx00
14-bit/32µV
20ms
ssss sssx xxxx xxxx
xxxx 0000
12-bit/128 µV
5 ms
ssss sssx xxxx xxxx
xx00 0000
Note 1:
‘s’ is the Sign bit and ‘x’ is the ADC data bit.
2:
See Section 6.2.2 “Conversion Time vs.
Self-Heat”.
VIN+
VIN-
Selectable Resolutions:
- 18-bit
- 16-bit
- 14-bit
- 12-bit
(see Register 5-7)
Raw ADC
Code Register
ADC Core
ADC
Delta-Sigma
REGISTER 5-5:
24-BIT ADC REGISTER (READ-ONLY)
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
SIGN
ADC Data
bit 23
bit 16
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADC Data
bit 15
bit 8
R-0
R-0
R-0
R-0
R-0
R-0
R-0
R-0
ADC Data
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 23-0
ADC Data: Raw ADC Raw ADC data in Two's Compliment Format. Bits 23-18 are sign bits and the
bits are set when the ADC data is less than 0 micro-volt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com