Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 28 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 28 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 24Page - Microchip Technology MCP96L01 Datasheet HTML 25Page - Microchip Technology MCP96L01 Datasheet HTML 26Page - Microchip Technology MCP96L01 Datasheet HTML 27Page - Microchip Technology MCP96L01 Datasheet HTML 28Page - Microchip Technology MCP96L01 Datasheet HTML 29Page - Microchip Technology MCP96L01 Datasheet HTML 30Page - Microchip Technology MCP96L01 Datasheet HTML 31Page - Microchip Technology MCP96L01 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 28
MCP960X/L0X/RL0X
TABLE 5-1:
SUMMARY OF REGISTERS AND BIT ASSIGNMENTS
Register
Pointer
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
Hot-Junction
Temperature – TH
00000000
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
Junctions Temperature
Delta – TΔ
00000001
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
Cold-Junction
Temperature – TC
00000010
SIGN
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
0.125°C
0.0625°C
Raw Data ADC
00000011
SIGN
bit 17
bit 16
bit 15
—
—
—
—
—
—
bit 8
bit 7
—
—
—
—
—
—
bit 0
STATUS
MCP9600/L00/RL00
00000100
Burst
Complete
TH
Update
—
Input Range
Alert 4
Status
Alert 3
Status
Alert 2
Status
Alert 1
Status
STATUS
MCP9601/L01/RL01
Short-Circuit
(SC)
Open-Circuit
(OC)/Input
Range
Thermocouple
Sensor Configuration
00000101
—
Thermocouple Type Select
Type K, J, T, N, S, E, B, R
—
Filter Coefficients
Device
Configuration
00000110
Cold-Junc.
Resolution
ADC Resolution
Burst Mode Temperature Samples
Shutdown Modes
Unimplemented bits, Read as '0'
Alert 1 Configuration
00001000
Interrupt
Clear
—
—
Monitor TH
or TC
Detect Ris-
ing or Fall-
ing Temps
Active- High
or
Active-Low
Output
Comparator
or
Interrupt
Mode
Enable
Alert
Output
Alert 2 Configuration
00001001
Alert 3 Configuration
00001010
Alert 4 Configuration
00001011
Alert 1 Hysteresis
00001100
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
Alert 2 Hysteresis
00001101
Alert 3 Hysteresis
00001110
Alert 4 Hysteresis
00001111
Alert 1 Limit
00010000
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
—
—
Alert 2 Limit
00010001
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
—
—
Alert 3 Limit
00010010
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
—
—
Alert 4 Limit
00010011
SIGN
1024°C
512°C
256°C
128°C
64°C
32°C
16°C
8°C
4°C
2°C
1°C
0.5°C
0.25°C
—
—
Device ID/Revision
MCP9600/L00/RL00
00100000
0
1
0
0
0
0
0
0
Revision-Major
Revision-Minor
Device ID/Revision
MCP9601/L01/RL01
0
1
0
0
0
0
0
1
Revision-Major
Revision-Minor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com