Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 22Page - Microchip Technology MCP96L01 Datasheet HTML 23Page - Microchip Technology MCP96L01 Datasheet HTML 24Page - Microchip Technology MCP96L01 Datasheet HTML 25Page - Microchip Technology MCP96L01 Datasheet HTML 26Page - Microchip Technology MCP96L01 Datasheet HTML 27Page - Microchip Technology MCP96L01 Datasheet HTML 28Page - Microchip Technology MCP96L01 Datasheet HTML 29Page - Microchip Technology MCP96L01 Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 26
MCP960X/L0X/RL0X
5.0
FUNCTIONAL DESCRIPTION
The MCP960X/L0X/RL0X Thermocouple temperature
converter
consists
of
an
18-bit
Delta-Sigma
Analog-to-Digital Converter (ADC), which is used to
measure the thermocouple voltage or EMF, a digital
temperature sensor used to measure cold-junction or
ambient temperature and a processor core which is used
to compute the EMF to degree Celsius conversion using
coefficients derived from the NIST ITS-90 coefficients.
Figure 5-1 shows a block diagram of how these functions
are structured in the device.
FIGURE 5-1:
Functional Block Diagram.
Del Sig
VIN+
ADC Core
Error Correction
Thermocouple Hot-Junction, TH
Thermocouple
Thermocouple Junctions Delta, TΔ
Thermocouple Cold-Junction, TC
User Registers:
Sensor Configuration
Digital
Filter
Thermocouple
Type
Selection
Device Resolution and Power Modes
Sensor Status
Alert 1 Limit
Hysteresis
Configuration
Alert 2 Limit
Hysteresis
Configuration
Alert 3 Limit
Hysteresis
Configuration
Alert 4 Limit
Hysteresis
Configuration
Device ID
+
Alert 1 Output
Alert 2 Output
Alert 3 Output
Alert 4 Output
SCL
SDA
ADDR
I2C Module
Open-Circuit and
Short-Circuit
Detection
OC Alert
SC Alert
VSENSE
MCP9601/L01/RL01 Only
VIN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com