Electronic Components Datasheet Search
  English  ▼

X  

MCP96L01 Datasheet(PDF) 51 Page - Microchip Technology

Part # MCP96L01
Description  Thermocouple EMF to Temperature Converter, ±1.5°C Maximum Accuracy
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP96L01 Datasheet(HTML) 51 Page - Microchip Technology

Back Button MCP96L01 Datasheet HTML 47Page - Microchip Technology MCP96L01 Datasheet HTML 48Page - Microchip Technology MCP96L01 Datasheet HTML 49Page - Microchip Technology MCP96L01 Datasheet HTML 50Page - Microchip Technology MCP96L01 Datasheet HTML 51Page - Microchip Technology MCP96L01 Datasheet HTML 52Page - Microchip Technology MCP96L01 Datasheet HTML 53Page - Microchip Technology MCP96L01 Datasheet HTML 54Page - Microchip Technology MCP96L01 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 57 page
background image
 2015-2021 Microchip Technology Inc.
DS20005426G-page 51
MCP960X/L0X/RL0X
RECOMMENDED LAND PATTERN
Microchip Technology Drawing C04-186B
20-Lead More Thin Plastic Quad Flat, No Lead Package (NU) - 5x5x1.0 mm Body
SILK SCREEN
1
2
20
Thermal Via Diameter
V
Thermal Via Pitch
EV
0.30
1.00
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
Dimension Limits
Units
C1
Optional Center Pad Width
Contact Pad Spacing
Contact Pad Spacing
Optional Center Pad Length
Contact Pitch
C2
Y2
X2
3.35
3.35
MILLIMETERS
0.65 BSC
MIN
E
MAX
4.50
4.50
Contact Pad Length (X20)
Contact Pad Width (X20)
Y1
X1
0.55
0.40
G
Distance Between Pads
0.20
NOM
[MQFN] - (Also called VQFN)
C1
C2
EV
EV
E
X2
Y2
ØV
G
Y1
X1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com